Electronic Components Datasheet Search
  English  ▼

X  

OrderableDevice Datasheet(PDF) 14 Page - Texas Instruments

Part # OrderableDevice
Description  CMOS Dual Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OrderableDevice Datasheet(HTML) 14 Page - Texas Instruments

Back Button OrderableDevice Datasheet HTML 10Page - Texas Instruments OrderableDevice Datasheet HTML 11Page - Texas Instruments OrderableDevice Datasheet HTML 12Page - Texas Instruments OrderableDevice Datasheet HTML 13Page - Texas Instruments OrderableDevice Datasheet HTML 14Page - Texas Instruments OrderableDevice Datasheet HTML 15Page - Texas Instruments OrderableDevice Datasheet HTML 16Page - Texas Instruments OrderableDevice Datasheet HTML 17Page - Texas Instruments OrderableDevice Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
LMC6032
SNOS609C – NOVEMBER 1994 – REVISED MARCH 2013
www.ti.com
BIAS CURRENT TESTING
The test method of Figure 25 is appropriate for bench-testing bias current with reasonable accuracy. To
understand its operation, first close switch S2 momentarily. When S2 is opened, then
Figure 25. Simple Input Bias Current Test Circuit
A suitable capacitor for C2 would be a 5 pF or 10 pF silver mica, NPO ceramic, or air-dielectric. When
determining the magnitude of Ib−, the leakage of the capacitor and socket must be taken into account. Switch S2
should be left shorted most of the time, or else the dielectric absorption of the capacitor C2 could cause errors.
Similarly, if S1 is shorted momentarily (while leaving S2 shorted)
where Cx is the stray capacitance at the + input.
14
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LMC6032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com