Electronic Components Datasheet Search
  English  ▼

X  

OrderableDevice Datasheet(PDF) 17 Page - Texas Instruments

Part # OrderableDevice
Description  CMOS Dual Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OrderableDevice Datasheet(HTML) 17 Page - Texas Instruments

Back Button OrderableDevice Datasheet HTML 13Page - Texas Instruments OrderableDevice Datasheet HTML 14Page - Texas Instruments OrderableDevice Datasheet HTML 15Page - Texas Instruments OrderableDevice Datasheet HTML 16Page - Texas Instruments OrderableDevice Datasheet HTML 17Page - Texas Instruments OrderableDevice Datasheet HTML 18Page - Texas Instruments OrderableDevice Datasheet HTML 19Page - Texas Instruments OrderableDevice Datasheet HTML 20Page - Texas Instruments OrderableDevice Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
LMC6032
www.ti.com
SNOS609C – NOVEMBER 1994 – REVISED MARCH 2013
TYPICAL SINGLE-SUPPLY APPLICATIONS (continued)
(V
+ = 5.0 V
DC)
Figure 32. 1 Hz Low-Pass Filter
(Maximally Flat, Dual Supply Only)
fc = 10 Hz
d = 0.895
Gain = 1
2 dB passband ripple
Figure 33. 10 Hz High-Pass Filter
Gain =
−46.8
Output offset voltage reduced to the level of the input offset voltage of the bottom amplifier (typically 1 mV).
Figure 34. High Gain Amplifier with Offset Voltage Reduction
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMC6032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com