Electronic Components Datasheet Search
  English  ▼

X  

OrderableDevice Datasheet(PDF) 10 Page - Texas Instruments

Part # OrderableDevice
Description  CMOS Dual Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OrderableDevice Datasheet(HTML) 10 Page - Texas Instruments

Back Button OrderableDevice Datasheet HTML 6Page - Texas Instruments OrderableDevice Datasheet HTML 7Page - Texas Instruments OrderableDevice Datasheet HTML 8Page - Texas Instruments OrderableDevice Datasheet HTML 9Page - Texas Instruments OrderableDevice Datasheet HTML 10Page - Texas Instruments OrderableDevice Datasheet HTML 11Page - Texas Instruments OrderableDevice Datasheet HTML 12Page - Texas Instruments OrderableDevice Datasheet HTML 13Page - Texas Instruments OrderableDevice Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LMC6032
SNOS609C – NOVEMBER 1994 – REVISED MARCH 2013
www.ti.com
where
is the amplifier's low-frequency noise gain and GBW is the amplifier's gain bandwidth product. An amplifier's low-
frequency noise gain is represented by the formula
regardless of whether the amplifier is being used in an inverting or non-inverting mode. Note that a feedback
capacitor is more likely to be needed when the noise gain is low and/or the feedback resistor is large.
If the above condition is met (indicating a feedback capacitor will probably be needed), and the noise gain is
large enough that:
the following value of feedback capacitor is recommended:
If
the feedback capacitor should be:
Note that these capacitor values are usually significantly smaller than those given by the older, more
conservative formula:
CS consists of the amplifier's input capacitance plus any stray capacitance from the circuit board and socket. CF
compensates for the pole caused by CS and the feedback resistor.
Figure 16. General Operational Amplifier Circuit
Using the smaller capacitors will give much higher bandwidth with little degradation of transient response. It may
be necessary in any of the above cases to use a somewhat larger feedback capacitor to allow for unexpected
stray capacitance, or to tolerate additional phase shifts in the loop, or excessive capacitive load, or to decrease
the noise or bandwidth, or simply because the particular circuit implementation needs more feedback
capacitance to be sufficiently stable. For example, a printed circuit board's stray capacitance may be larger or
smaller than the breadboard's, so the actual optimum value for CF may be different from the one estimated using
the breadboard. In most cases, the value of CF should be checked on the actual circuit, starting with the
computed value.
10
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LMC6032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com