Electronic Components Datasheet Search
  English  ▼

X  

OrderableDevice Datasheet(PDF) 3 Page - Texas Instruments

Part # OrderableDevice
Description  CMOS Dual Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OrderableDevice Datasheet(HTML) 3 Page - Texas Instruments

  OrderableDevice Datasheet HTML 1Page - Texas Instruments OrderableDevice Datasheet HTML 2Page - Texas Instruments OrderableDevice Datasheet HTML 3Page - Texas Instruments OrderableDevice Datasheet HTML 4Page - Texas Instruments OrderableDevice Datasheet HTML 5Page - Texas Instruments OrderableDevice Datasheet HTML 6Page - Texas Instruments OrderableDevice Datasheet HTML 7Page - Texas Instruments OrderableDevice Datasheet HTML 8Page - Texas Instruments OrderableDevice Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LMC6032
www.ti.com
SNOS609C – NOVEMBER 1994 – REVISED MARCH 2013
DC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V, V− =
GND = 0V, VCM = 1.5V, VOUT = 2.5V and RL > 1M unless otherwise specified.
Symbol
Parameter
Conditions
Typical
LMC6032I
Units
(1)
Limit
(2)
VOS
Input Offset Voltage
1
9
mV
11
max
ΔVOS/ΔT
Input Offset Voltage
2.3
μV/°C
Average Drift
IB
Input Bias Current
0.04
pA
200
max
IOS
Input Offset Current
0.01
pA
100
max
RIN
Input Resistance
>1
Tera
Ω
CMRR
Common Mode Rejection
0V
≤ VCM ≤ 12V
83
63
dB
Ratio
V+ = 15V
60
min
+PSRR
Positive Power Supply
5V
≤ V+ ≤ 15V
83
63
dB
Rejection Ratio
VO = 2.5V
60
min
−PSRR
Negative Power Supply
0V
≤ V− ≤ −10V
94
74
dB
Rejection Ratio
70
min
VCM
Input Common-Mode
V+ = 5V & 15V
−0.4
−0.1
V
Voltage Range
For CMRR
≥ 50 dB
0
max
V+
− 1.9
V+
− 2.3
V
V+
− 2.6
min
AV
Large Signal Voltage Gain
RL = 2 kΩ
(3)
Sourcing
2000
200
V/mV
100
min
Sinking
500
90
V/mV
40
min
RL = 600Ω
(3)
Sourcing
1000
100
V/mV
75
min
Sinking
250
50
V/mV
20
min
(1)
Typical values represent the most likely parametric normal.
(2)
All limits are specified at room temperature (standard type face) or at operating temperature extremes (bold type face).
(3)
V+ = 15V, VCM = 7.5V, and RL connected to 7.5V. For Sourcing tests, 7.5V ≤ VO ≤ 11.5V. For Sinking tests, 2.5V ≤ VO ≤ 7.5V.
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC6032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com