Electronic Components Datasheet Search
  English  ▼

X  

ISP1561 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # ISP1561
Description  ISP1561BM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1561 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button ISP1561 Datasheet HTML 40Page - NXP Semiconductors ISP1561 Datasheet HTML 41Page - NXP Semiconductors ISP1561 Datasheet HTML 42Page - NXP Semiconductors ISP1561 Datasheet HTML 43Page - NXP Semiconductors ISP1561 Datasheet HTML 44Page - NXP Semiconductors ISP1561 Datasheet HTML 45Page - NXP Semiconductors ISP1561 Datasheet HTML 46Page - NXP Semiconductors ISP1561 Datasheet HTML 47Page - NXP Semiconductors ISP1561 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 102 page
background image
Philips Semiconductors
ISP1561
USB PCI host controller
Product data
Rev. 01 — 06 February 2003
44 of 102
9397 750 10015
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
11.1.5
HcInterruptEnable register (address: value read from func0 or func1 of address
10H
+ 10H)
Each enable bit in the HcInterruptEnable register corresponds to an associated
interrupt bit in the HcInterruptStatus register. The HcInterruptEnable register is used
to control which events generate a hardware interrupt. If the following conditions
occur:
• A bit is set in the HcInterruptStatus register.
• The corresponding bit in the HcInterruptEnable register is set.
• The MIE (MasterInterruptEnable) bit is set.
Then, a hardware interrupt is requested on the host bus.
Writing logic 1 to a bit in this register sets the corresponding bit, whereas writing
logic 0 to a bit in this register leaves the corresponding bit unchanged. On a read, the
current value of this register is returned.
The bit allocation is given in Table 50.
2SF
StartOfFrame: At the start of each frame, this bit is set by the Host
Controller and an SOF token is generated at the same time.
1
WDH
WritebackDoneHead: This bit is set immediately after the Host
Controller has written HcDoneHead to HccaDoneHead. Further,
updates of HccaDoneHead occur only after this bit has been
cleared. The HCD should only clear this bit after it has saved the
content of HccaDoneHead.
0SO
SchedulingOverrun: This bit is set when USB schedules for
current Frame overruns and after the update of
HccaFrameNumber. A scheduling overrun causes the SOC
(SchedulingOverrunCount) of HcCommandStatus to be
incremented.
Table 49:
HcInterruptStatus register: bit description…continued
Bit
Symbol
Description
Table 50:
HcInterruptEnable register: bit allocation
Bit
31
30
29
28
27
26
25
24
Symbol
MIE
OC
reserved
Reset
00000000
Access
R/W
R/W
------
Bit
23
22
21
20
19
18
17
16
Symbol
reserved
Reset
00000000
Access
--------
Bit
15
14
13
12
11
10
9
8
Symbol
reserved
Reset
00000000
Access
--------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com