Electronic Components Datasheet Search
  English  ▼

X  

ISP1561 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # ISP1561
Description  ISP1561BM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1561 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button ISP1561 Datasheet HTML 22Page - NXP Semiconductors ISP1561 Datasheet HTML 23Page - NXP Semiconductors ISP1561 Datasheet HTML 24Page - NXP Semiconductors ISP1561 Datasheet HTML 25Page - NXP Semiconductors ISP1561 Datasheet HTML 26Page - NXP Semiconductors ISP1561 Datasheet HTML 27Page - NXP Semiconductors ISP1561 Datasheet HTML 28Page - NXP Semiconductors ISP1561 Datasheet HTML 29Page - NXP Semiconductors ISP1561 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 102 page
background image
Philips Semiconductors
ISP1561
USB PCI host controller
Product data
Rev. 01 — 06 February 2003
26 of 102
9397 750 10015
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
EHCI Host Controller. The system-specific policy can be established by BIOS
initializing this register to a system-specific value. System software uses the
information in this register when enabling devices and ports for remote wake-up.
8.2.3
Power management registers
Cap_ID register (address: value read from address 34H + 0H): The Capability
Identifier (Cap_ID) register, when read by the system software as 01H indicates that
the data structure currently being pointed to is the PCI Power Management data
structure. Each function of a PCI device may have only one item in its capability list
with Cap_ID set to 01H. The bit description o the register is given in Table 31.
Next_Item_Ptr register (address: value read from address 34H + 1H): The Next
Item Pointer (Next_Item_Ptr) register (see Table 32) describes the location of the next
item in the function’s capability list. The value given is an offset into the function’s PCI
Configuration Space. If the function does not implement any other capabilities
defined by the PCI-SIG for inclusion in the capabilities list, or if power management is
the last item in the list, then this register must be set to 00H.
PMC register (address: value read from address 34H
+ 2H): The Power
Management Capabilities (PMC) register is a two-byte register, and the bit allocation
is given in Table 33. This read-only register provides information on the capabilities of
the function related to power management.
Table 29:
PORTWAKECAP register: bit description
Bit
Symbol
Access
Value
Description
15 to 0
PORTWAKECAP[15:0]
R/W
001FH Port Wake Up Capability Mask: EHCI does not implement this
feature.
Table 30:
Power Management registers
Offset
Register
value read from address 34H + 0H
Capability Identifier (Cap_ID)
value read from address 34H + 1H
Next Item Pointer (Next_Item_Ptr)
value read from address 34H + 2H
Power Management Capabilities (PMC)
value read from address 34H + 4H
Power Management Control/Status (PMCSR)
value read from address 34H + 6H
Power Management Control/Status (PMCSR_BSE)
value read from address 34H + 7H
Data
Table 31:
Cap_ID register: bit description
Bit
Symbol
Access
Value
Description
7 to 0
Cap_ID[7:0]
R
01H
ID: This field when 01H identifies the linked list item as being the
PCI Power Management registers.
Table 32:
Next_Item_Ptr register: bit description
Bit
Symbol
Access
Value
Description
7 to 0
Next_Item_Ptr[7:0]
R
00H
Next Item Pointer: This field provides an offset into the function’s PCI
Configuration Space pointing to the location of the next item in the
function’s capability list. If there are no additional items in the
Capabilities List, this register is set to 00H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com