Electronic Components Datasheet Search
  English  ▼

X  

ISP1561 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ISP1561
Description  ISP1561BM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1561 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ISP1561 Datasheet HTML 4Page - NXP Semiconductors ISP1561 Datasheet HTML 5Page - NXP Semiconductors ISP1561 Datasheet HTML 6Page - NXP Semiconductors ISP1561 Datasheet HTML 7Page - NXP Semiconductors ISP1561 Datasheet HTML 8Page - NXP Semiconductors ISP1561 Datasheet HTML 9Page - NXP Semiconductors ISP1561 Datasheet HTML 10Page - NXP Semiconductors ISP1561 Datasheet HTML 11Page - NXP Semiconductors ISP1561 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 102 page
background image
Philips Semiconductors
ISP1561
USB PCI host controller
Product data
Rev. 01 — 06 February 2003
8 of 102
9397 750 10015
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
REQ#
22
O
PCI request; indicates to the arbitrator that the agent wants
to use the bus
AD[31]
23
I/O
bit 31 of multiplexed PCI address and data
AD[30]
24
I/O
bit 30 of multiplexed PCI address and data
VDD
25
-
supply voltage (3.3 V)
AD[29]
26
I/O
bit 29 of multiplexed PCI address and data
AD[28]
27
I/O
bit 28 of multiplexed PCI address and data
AD[27]
28
I/O
bit 27 of multiplexed PCI address and data
DGND
29
-
digital ground
AD[26]
30
I/O
bit 26 of multiplexed PCI address and data
AD[25]
31
I/O
bit 25 of multiplexed PCI address and data
AD[24]
32
I/O
bit 24 of multiplexed PCI address and data
VDD
33
-
supply voltage (3.3 V)
C/BE#[3]
34
I/O
byte 3 of multiplexed PCI bus command and byte enable
IDSEL
35
I
PCI initialization device select; used as a chip select during
configuration read and write transactions
AD[23]
36
I/O
bit 23 of multiplexed PCI address and data
DGND
37
-
digital ground
AD[22]
38
I/O
bit 22 of multiplexed PCI address and data
AD[21]
39
I/O
bit 21 of multiplexed PCI address and data
AD[20]
40
I/O
bit 20 of multiplexed PCI address and data
VDD
41
-
supply voltage (3.3 V)
AD[19]
42
I/O
bit 19 of multiplexed PCI address and data
AD[18]
43
I/O
bit 18 of multiplexed PCI address and data
AD[17]
44
I/O
bit 17 of multiplexed PCI address and data
DGND
45
-
digital ground
AD[16]
46
I/O
bit 16 of multiplexed PCI address and data
C/BE#[2]
47
I/O
byte 2 of multiplexed PCI bus command and byte enable
FRAME#
48
I/O
PCI cycle frame; driven by the master to indicate the
beginning and duration of an access
VDD
49
-
supply voltage (3.3 V)
IRDY#
50
I/O
PCI initiator ready; indicates ability of the initiating agent to
complete the current data phase of a transaction
TRDY#
51
I/O
PCI target ready; indicates ability of the target agent to
complete the current data phase of a transaction
DEVSEL#
52
I/O
PCI device select; indicates if any device has been
selected on the bus
DGND
53
-
digital ground
STOP#
54
I/O
PCI stop; indicates that the current target is requesting the
master to stop the current transaction
CLKRUN#
55
I/O
PCI CLKRUN signal; push-pull input; three-state output;
5 ns slew rate control; TTL with hysteresis; 5 V tolerant
Table 2:
Pin description…continued
Symbol[1]
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com