Electronic Components Datasheet Search
  English  ▼

X  

ISP1561 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # ISP1561
Description  ISP1561BM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1561 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button ISP1561 Datasheet HTML 17Page - NXP Semiconductors ISP1561 Datasheet HTML 18Page - NXP Semiconductors ISP1561 Datasheet HTML 19Page - NXP Semiconductors ISP1561 Datasheet HTML 20Page - NXP Semiconductors ISP1561 Datasheet HTML 21Page - NXP Semiconductors ISP1561 Datasheet HTML 22Page - NXP Semiconductors ISP1561 Datasheet HTML 23Page - NXP Semiconductors ISP1561 Datasheet HTML 24Page - NXP Semiconductors ISP1561 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
Philips Semiconductors
ISP1561
USB PCI host controller
Product data
Rev. 01 — 06 February 2003
21 of 102
9397 750 10015
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
CacheLine Size register (address: 0CH): The CacheLine Size register is a
read/write single byte register that specifies the system cacheline size in units of
DWords. This register must be implemented by master devices that can generate the
Memory Write and Invalidate command. The value in this register is also used by
master devices to determine whether to use Read, Read Line, or Read Multiple
commands for accessing memory.
Slave devices that want to allow memory bursting using a cacheline-wrap addressing
mode must implement this register to know when a burst sequence wraps to the
beginning of the cacheline.
This field must be initialized to logic 0 on activation of RST#. Table 13 shows the bit
description of the CacheLine Size register.
Latency Timer register (address: 0DH): This one-byte register specifies, in units of
PCI bus clocks, the value of the Latency Timer for the PCI bus master. The Latency
Time register bit description is given in Table 14.
This register must be implemented as writable by any master that can burst more
than two data phases. This register may be implemented as read-only for devices that
burst two or fewer data phases, but the fixed value must be limited to 16 or less. The
register must be initialized to logic 0 at RST#, if programmable.
Header Type register (address: 0EH): The Header Type register identifies the
layout of the second part of the predefined header (beginning at byte 10H in
Configuration Space). It also identifies whether or not the device contains multiple
functions (bit allocation: see Table 15).
Table 12:
Class Code register: bit description
Bit
Symbol
Description
23 to 16
BCC[7:0]
Base Class Code: 0CH is the base class code assigned to this
byte, and it implies a serial bus controller.
15 to 8
SCC[7:0]
Sub-Class Code: 03H is the sub-class code assigned to this byte,
and it implies the USB Host Controller.
7 to 0
RLPI[7:0]
Register-Level Programming Interface: 10H is the programming
interface code assigned to OHCI, which is USB 1.1 specification
compliant. 20H is the programming interface code assigned to
EHCI, which is USB 2.0 specification compliant.
Table 13:
CacheLine Size register: bit description
Bit
Symbol
Access
Value
Description
7 to 0
CLS[7:0]
R/W
00H
CacheLine Size: This byte identifies the system cacheline size.
Table 14:
Latency Timer register: bit description
Bit
Symbol
Access
Value
Description
7 to 0
LT[7:0]
R/W
00H
Latency Timer: This byte identifies the latency timer.
Table 15:
Header Type register: bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
MFD
HT[6:0]
Reset
10000000
Access
RRRRRRRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com