Electronic Components Datasheet Search
  English  ▼

X  

ISP1561 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # ISP1561
Description  ISP1561BM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1561 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button ISP1561 Datasheet HTML 14Page - NXP Semiconductors ISP1561 Datasheet HTML 15Page - NXP Semiconductors ISP1561 Datasheet HTML 16Page - NXP Semiconductors ISP1561 Datasheet HTML 17Page - NXP Semiconductors ISP1561 Datasheet HTML 18Page - NXP Semiconductors ISP1561 Datasheet HTML 19Page - NXP Semiconductors ISP1561 Datasheet HTML 20Page - NXP Semiconductors ISP1561 Datasheet HTML 21Page - NXP Semiconductors ISP1561 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 102 page
background image
Philips Semiconductors
ISP1561
USB PCI host controller
Product data
Rev. 01 — 06 February 2003
18 of 102
9397 750 10015
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Status register (address: 06H): The Status register is a two-byte read-only register
used to record status information on PCI bus-related events (bit allocation: see
Table 8).
5
VGAPS
VGA Palette Snoop: This bit controls how VGA compatible and
graphics devices handle accesses to VGA palette registers. When
this bit is logic 1, palette snooping is enabled (that is, the device
does not respond to palette register writes and snoops the data).
When the bit is logic 0, the device should treat palette write
accesses like all other accesses. VGA compatible devices should
implement this bit.
4
MWIE
Memory Write and Invalidate Enable: This is an enable bit for
using the Memory Write and Invalidate command. When this bit is
logic 1, masters may generate the command. When it is logic 0,
Memory Writes must be used instead. State after RST# is logic 0.
This bit must be implemented by master devices that can generate
the Memory Write and Invalidate command.
3SC
Special Cycles: Controls the action of a device on Special Cycle
operations. A value of logic 0 causes the device to ignore all
Special Cycle operations. A value of logic 1 allows the device to
monitor Special Cycle operations. State after RST# is logic 0.
2BM
Bus Master: Controls the ability of a device to act as a master on
the PCI bus. A value of logic 0 disables the device from generating
PCI accesses. A value of logic 1 allows the device to behave as a
bus master. State after RST# is logic 0.
1MS
Memory Space: Controls the response of a device to Memory
Space accesses. A value of logic 0 disables the device response.
A value of logic 1 allows the device to respond to Memory Space
accesses. State after RST# is logic 0.
0
IOS
IO Space: Controls the response of a device to I/O Space
accesses. A value of logic 0 disables the device response. A value
of logic 1 allows the device to respond to I/O Space accesses.
State after RST# is logic 0.
Table 7:
Command register: bit description…continued
Bit
Symbol
Description
Table 8:
Status register: bit allocation
Bit
15
14
13
12
11
10
9
8
Symbol
DPE
SSE
RMA
RTA
STA
DEVSELT[1:0]
MDPE
Reset
00000010
Access
RRRRRRRR
Bit
7
6
5
4
3
2
1
0
Symbol
FBBC
reserved
66MC
CL
reserved
Reset
00010000
Access
R
-
R
R
----



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com