Electronic Components Datasheet Search
  English  ▼

X  

ISP1561 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # ISP1561
Description  ISP1561BM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1561 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button ISP1561 Datasheet HTML 9Page - NXP Semiconductors ISP1561 Datasheet HTML 10Page - NXP Semiconductors ISP1561 Datasheet HTML 11Page - NXP Semiconductors ISP1561 Datasheet HTML 12Page - NXP Semiconductors ISP1561 Datasheet HTML 13Page - NXP Semiconductors ISP1561 Datasheet HTML 14Page - NXP Semiconductors ISP1561 Datasheet HTML 15Page - NXP Semiconductors ISP1561 Datasheet HTML 16Page - NXP Semiconductors ISP1561 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
Philips Semiconductors
ISP1561
USB PCI host controller
Product data
Rev. 01 — 06 February 2003
13 of 102
9397 750 10015
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.
Functional description
7.1 OHCI Host Controller
An OHCI Host Controller transfers data to devices at the Original USB defined bit rate
of 12 Mbit/s or 1.5 Mbit/s.
7.2 EHCI Host Controller
The EHCI Host Controller transfers data to a Hi-Speed USB compliant device at the
Hi-Speed USB defined bit rate of 480 Mbit/s. When the EHCI Host Controller has the
ownership of a port, the OHCI Host Controllers are not allowed to modify the port
register. All additional port bit definitions required for the Enhanced Host Controller
are not visible to the OHCI Host Controller.
7.3 Dynamic port-routing logic
The port-routing feature allows sharing of the same physical downstream ports
between the Original USB Host Controller and the Hi-Speed USB Host Controller.
This requirement of the
Enhanced Host Controller Interface Specification provides
four downstream ports, and these ports are multiplexed with the ports of the two
OHCIs. The first and the third downstream ports are always connected to the first
OHCI, and the second and the fourth downstream ports are always connected to the
second OHCI.
The EHCI is responsible for the port-routing switching mechanism. Two register bits
are used for ownership switching. During power-on and system reset, the default
ownership of all downstream ports is the OHCIs. The Enhanced Host Controller
driver controls the ownership during normal functionality.
7.4 Hi-Speed USB analog transceivers
The Hi-Speed USB analog transceivers interface directly to the USB cables via
integrated termination resistors. These transceivers can transmit and receive serial
data at all data rates
: high-speed (480 Mbit/s), full-speed (12 Mbit/s) and low-speed
(1.5 Mbit/s).
7.5 LED indicators for downstream ports
Indication of a good USB connection is provided through the GoodLink technology
(open-drain, a maximum current of 20 mA). During enumeration, LED indicators blink
ON momentarily corresponding to the enumeration traffic of the ISP1561 downstream
ports. The LED also blinks ON whenever there is valid traffic to the downstream port.
In the suspend mode, the LED is OFF.
The GoodLink feature provides a user-friendly indication on the status of the USB
traffic between the host and downstream hubs and devices. It is a useful diagnostics
tool to isolate faulty equipment and helps to reduce field support and hotline costs.
The system designer can also program two optional port indicators— a green LED
and an amber LED—to indicate the status of the Host Controller. These port
indicators are implemented as per the USB specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com