Electronic Components Datasheet Search
  English  ▼

X  

ISP1561 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # ISP1561
Description  ISP1561BM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1561 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button ISP1561 Datasheet HTML 66Page - NXP Semiconductors ISP1561 Datasheet HTML 67Page - NXP Semiconductors ISP1561 Datasheet HTML 68Page - NXP Semiconductors ISP1561 Datasheet HTML 69Page - NXP Semiconductors ISP1561 Datasheet HTML 70Page - NXP Semiconductors ISP1561 Datasheet HTML 71Page - NXP Semiconductors ISP1561 Datasheet HTML 72Page - NXP Semiconductors ISP1561 Datasheet HTML 73Page - NXP Semiconductors ISP1561 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 102 page
background image
Philips Semiconductors
ISP1561
USB PCI host controller
Product data
Rev. 01 — 06 February 2003
70 of 102
9397 750 10015
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
11.3.2
HCSPARAMS register (address: value read from func2 of address 10H + 04H)
The Host Controller Structural Parameters (HCSPARAMS) register is a set of fields
that are structural parameters. The bit allocation is given in Table 98.
Table 97:
CAPLENGTH/HCIVERSION register: bit description
Bit
Symbol
Description
31 to 24 -
reserved
23 to 8
HCIVERSION
[15:0]
Host Controller Interface Version Number: It contains a BCD
encoding of the version number if the interface to which the Host
Controller interface conforms to the standard.
7 to 0
CAPLENGTH
[7:0]
Capability Register Length: This is used as an offset. It is added
to the register base to find the beginning of the Operational
Register Space.
Table 98:
HCSPARAMS register: bit allocation
Bit
31
30
29
28
27
26
25
24
Symbol
reserved
Reset
00000000
Access
--------
Bit
23
22
21
20
19
18
17
16
Symbol
DPN[3:0]
reserved
P_INDI
CATOR
Reset
00000000
Access
RRRR
-
-
-
R
Bit
15
14
13
12
11
10
9
8
Symbol
N_CC[3:0]
N_PCC[3:0]
Reset
00100010
Access
RRRRRRRR
Bit
7
6
5
4
3
2
1
0
Symbol
PRR
reserved
PPC
N_PORTS[3:0]
Reset
00010100
Access
R
-
-
RRRRR
Table 99:
HCSPARAMS register: bit description
Bit
Symbol
Description
31 to 24
-
reserved
23 to 20
DPN[3:0]
Debug Port Number: This field identifies which of the Host
Controller ports is the debug port. A non-zero value in this field
indicates the presence of a debug port. The value in this register
must not be greater than N_PORTS.
19 to 17
reserved
16
P_INDI
CATOR
Port Indicators: This bit indicates whether the ports support port
indicator control. When this bit is logic 1, the port status and control
registers include a read/writeable field for controlling the state of the
port indicator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com