Electronic Components Datasheet Search
  English  ▼

X  

BM63 Datasheet(PDF) 25 Page - Microchip Technology

Part # BM63
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM63 Datasheet(HTML) 25 Page - Microchip Technology

Back Button BM63 Datasheet HTML 21Page - Microchip Technology BM63 Datasheet HTML 22Page - Microchip Technology BM63 Datasheet HTML 23Page - Microchip Technology BM63 Datasheet HTML 24Page - Microchip Technology BM63 Datasheet HTML 25Page - Microchip Technology BM63 Datasheet HTML 26Page - Microchip Technology BM63 Datasheet HTML 27Page - Microchip Technology BM63 Datasheet HTML 28Page - Microchip Technology BM63 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001431A-Page 25
BM63
5.2
I2S Mode Application
The BM63 module provides an I2S digital audio output
interface to connect with the external codec or DSP. It
provides 8, 16, 44.1, 48, 88.2 and 96 kHz sampling
rates for 16-bit and 24-bit data formats. The I2S setting
can be configured by using the UI and DSP tools.
Figure 5-7 and Figure 5-8 illustrate the I2S signal con-
nection between the BM63 module and an external
DSP. Use the DSP tool to configure the BM63 module
as a master/slave.
For additional information on timing specifications,
refer to 8.1 “Timing specifications”.
FIGURE 5-7:
BM63 MODULE IN I2S MASTER MODE
FIGURE 5-8:
BM63 MODULE IN I2S SLAVE MODE
5.3
Reset
The BM63 module provides a watchdog timer (WDT) to
reset the chip. It has an integrated Power-on Reset
(POR) circuit that resets all circuits to a known
Power-on state. This action can be driven by an exter-
nal reset signal which is used to control the device
externally by forcing it into a POR state. The RST_N
signal input is active-low and no connection is required
in most of the applications.
5.4
External Configuration and
Programming
The BM63 module can be configured by using an exter-
nal configuration tool (EEPROM tool) and firmware is
programmed by using a programming tool (Flash tool).
Note:
The UI and DSP tools are available for
download from the Microchip web site at:
www.microchip.com/BM63.
Note:
The EEPROM and Flash tools are avail-
able for download from the Microchip web
site at: www.microchip.com/BM63.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com