Electronic Components Datasheet Search
  English  ▼

X  

BM63 Datasheet(PDF) 42 Page - Microchip Technology

Part # BM63
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM63 Datasheet(HTML) 42 Page - Microchip Technology

Back Button BM63 Datasheet HTML 38Page - Microchip Technology BM63 Datasheet HTML 39Page - Microchip Technology BM63 Datasheet HTML 40Page - Microchip Technology BM63 Datasheet HTML 41Page - Microchip Technology BM63 Datasheet HTML 42Page - Microchip Technology BM63 Datasheet HTML 43Page - Microchip Technology BM63 Datasheet HTML 44Page - Microchip Technology BM63 Datasheet HTML 45Page - Microchip Technology BM63 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
BM63
DS60001431A-Page 42
Advance Information
 2016 Microchip Technology Inc.
Note 1:
fin = 1 kHz, B/W = 20~20 kHz, A-weighted, THD+N < 0.01%, 0dBFS signal, Load = 100 kOhm
2:
fin = 1 kHz, B/W = 20~20 kHz, A-weighted, -1dBFS signal, Load =16 Ohm
3:
fin = 1 kHz, B/W = 20~20 kHz, A-weighted, THD+N < 0.05%, 0dBFS signal, Load = 16 Ohm
4:
These parameters are characterized but not tested in manufacturing.
Note 1:
The RF Tx power is modulation value.
2:
The RF Transmit power is calibrated during the production using the MP tool and MT8852 Bluetooth Test
equipment.
3:
Test condition: VCC_RF = 1.28V, temperature +25 ºC.
TABLE 8-6:
AUDIO CODEC DIGITAL TO ANALOG CONVERTER(4)
T = 25 oC, VDD = 2.8V, 1 kHz sine wave input, Bandwidth = 20 Hz~20 kHz
Parameter (Condition)
Min.
Typical
Max.
Unit
Over-sampling rate
–
128
–
fs
Resolution
16
–
20
Bit
Output Sample Rate
8
–
48
kHz
Signal to Noise Ratio (Note 1)
(SNR at capless mode) for 48 kHz
–98
–
dB
Signal to Noise Ratio (Note 1)
(SNR at single-ended mode) for 48 kHz
–98
–
dB
Digital Gain
-54
–
4.85
dB
Digital Gain Resolution
–
2~6
–
dB
Analog Gain
-28
–
3
dB
Analog Gain Resolution
–
1
–
dB
Output Voltage Full-scale Swing (AVDD = 2.8V)
495
742.5
–
mV/rms
Maximum Output Power (16 Ohm load)
–
34.5
–
mW
Maximum Output Power (32 Ohm load)
–
17.2
–
mW
Allowed Load
Resistive
–
16
O.C.
Ohm
Capacitive
–
–
500
pF
THD+N (16 Ohm load) (Note 2)
–0.05
–
%
Signal to Noise Ratio (SNR at 16 Ohm load) (Note 3)
–98
–
dB
TABLE 8-7:
TRANSMITTER SECTION FOR BDR AND EDR(1,2,3)
Parameter
Min.
Typical
Max.
Bluetooth
specification
Unit
Maximum RF transmit power
–
2
–-6 to 4
dBm
EDR/BDR Relative transmit power
-4
-1.8
1
-4 to 1
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com