Electronic Components Datasheet Search
  English  ▼

X  

BM63 Datasheet(PDF) 19 Page - Microchip Technology

Part # BM63
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM63 Datasheet(HTML) 19 Page - Microchip Technology

Back Button BM63 Datasheet HTML 15Page - Microchip Technology BM63 Datasheet HTML 16Page - Microchip Technology BM63 Datasheet HTML 17Page - Microchip Technology BM63 Datasheet HTML 18Page - Microchip Technology BM63 Datasheet HTML 19Page - Microchip Technology BM63 Datasheet HTML 20Page - Microchip Technology BM63 Datasheet HTML 21Page - Microchip Technology BM63 Datasheet HTML 22Page - Microchip Technology BM63 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001431A-Page 19
BM63
4.0
POWER MANAGEMENT UNIT
The on-chip Power Management Unit (PMU) has two
main features: lithium-ion and lithium-polymer battery
charger, and voltage regulation. A power switch is used
to switch over the power source between the battery
and adapter. Also, the PMU provides current to drive
three LEDs.
4.1
Charging a Battery
The BM63 module has a built-in battery charger which
is optimized for lithium-ion and lithium-polymer batter-
ies.The charger includes a current sensor for charging
control, user programmable current regulation and
high-accuracy voltage regulation.
The charging current parameters are configured by the
UI tool. Reviving, pre-charging, constant current and
constant voltage modes and re-charging functions are
included. The maximum charging current is 350 mA.
Figure 4-1 illustrates the charging curve of a battery.
FIGURE 4-1:
CHARGING CURVE
4.2
Voltage Monitoring
A 10-bit successive approximation register ADC (SAR
ADC) provides a dedicated channel for battery voltage
level detection. The warning level can be programmed
by using the UI tool. The ADC provides a granular res-
olution to enable the external MCU to take control over
the charging process.
4.3
LED Driver
Three dedicated LED drivers control the LEDs. They
provide enough sink current (16 step control and 0.35
mA for each step), thus LEDs can be connected
directly with the BM63 module.
The LED settings can be configured using the UI tool.
Figure 4-2 illustrates the LED drivers in the BM63
module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com