Electronic Components Datasheet Search
  English  ▼

X  

BM63 Datasheet(PDF) 41 Page - Microchip Technology

Part # BM63
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM63 Datasheet(HTML) 41 Page - Microchip Technology

Back Button BM63 Datasheet HTML 37Page - Microchip Technology BM63 Datasheet HTML 38Page - Microchip Technology BM63 Datasheet HTML 39Page - Microchip Technology BM63 Datasheet HTML 40Page - Microchip Technology BM63 Datasheet HTML 41Page - Microchip Technology BM63 Datasheet HTML 42Page - Microchip Technology BM63 Datasheet HTML 43Page - Microchip Technology BM63 Datasheet HTML 44Page - Microchip Technology BM63 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001431A-Page 41
BM63
Note 1:
Test condition: BK_O = 1.8V with temperature +25 ºC.
2:
These parameters are characterized but not tested in manufacturing.
Note 1:
fin = 1 kHz, B/W = 20~20 kHz, A-weighted, THD+N < 1%, 150 mVpp input.
2:
These parameters are characterized but not tested in manufacturing.
TABLE 8-4:
LED DRIVER(1,2)
Parameter
Min.
Typical
Max.
Unit
Open-drain Voltage
–
–
3.6
V
Programmable Current Range
0
–
5.25
mA
Intensity Control
–
16
–
step
Current Step
–
0.35
–
mA
Power Down Open-drain Current
–
–
1
μA
Shutdown Current
–
–
1
μA
TABLE 8-5:
AUDIO CODEC ANALOG TO DIGITAL CONVERTER(2)
T = 25 oC, VDD = 2.8V, 1 kHz sine wave input, Bandwidth = 20 Hz~20 kHz
Parameter (Condition)
Min.
Typical
Max.
Unit
Resolution
–
–
16
Bit
Output Sample Rate
8
–
48
kHz
Signal to Noise Ratio (Note 1)
(SNR at MIC or Line-in mode)
–92
–
dB
Digital Gain
-54
–
4.85
dB
Digital Gain Resolution
–
2~6
–
dB
MIC Boost Gain
–
20
–
dB
Analog Gain
–
-
60
dB
Analog Gain Resolution
–
2.0
–
dB
Input full-scale at maximum gain (differential)
–
4
–
mV/rms
Input full-scale at minimum gain (differential)
–
800
–
mV/rms
3 dB bandwidth
–
20
–
kHz
Microphone mode (input impedance)
–
24
–
kOhm
THD+N (microphone input) at 30 mV/rms input
–
0.02
–
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com