Electronic Components Datasheet Search
  English  ▼

X  

BM63 Datasheet(PDF) 34 Page - Microchip Technology

Part # BM63
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM63 Datasheet(HTML) 34 Page - Microchip Technology

Back Button BM63 Datasheet HTML 30Page - Microchip Technology BM63 Datasheet HTML 31Page - Microchip Technology BM63 Datasheet HTML 32Page - Microchip Technology BM63 Datasheet HTML 33Page - Microchip Technology BM63 Datasheet HTML 34Page - Microchip Technology BM63 Datasheet HTML 35Page - Microchip Technology BM63 Datasheet HTML 36Page - Microchip Technology BM63 Datasheet HTML 37Page - Microchip Technology BM63 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
BM63
DS60001431A-Page 34
Advance Information
 2016 Microchip Technology Inc.
FIGURE 6-2:
PCB ANTENNA RADIATION PATTERN
6.2
Module Placement Guidelines
For Bluetooth-enabled products, the antenna placement
affects the overall performance of the system. The
antenna requires free space to radiate RF signals and it
should not be surrounded by the ground plane. Microchip
recommends that the areas underneath the antenna on
the host PCB must not contain copper on the top, inner, or
bottom layers, as illustrated in Figure 6-1.
A low-impedance ground plane will ensure the best radio
performance (best range, lowest noise). The ground
plane can be extended beyond the minimum recommen-
dation as required for the main PCB EMC noise reduction.
For the best range performance, keep all external metal at
least 15 mm away from the on-board PCB trace antenna.
Figure 6-3 and Figure 6-4 illustrate the good and poor
placement of the BM63 module on a host board with GND
plane.
TABLE 6-1:
PCB ANTENNA
CHARACTERISTICS
Parameter
Values
Frequency
2400 MHz ~ 2480 MHz
Peak Gain
1.927 dBi
Efficiency
73.41%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com