Electronic Components Datasheet Search
  English  ▼

X  

XCST50 Datasheet(PDF) 13 Page - Sony Corporation

Part # XCST50
Description  CCD B/W VIDEO CAMERA MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

XCST50 Datasheet(HTML) 13 Page - Sony Corporation

Back Button XCST50 Datasheet HTML 9Page - Sony Corporation XCST50 Datasheet HTML 10Page - Sony Corporation XCST50 Datasheet HTML 11Page - Sony Corporation XCST50 Datasheet HTML 12Page - Sony Corporation XCST50 Datasheet HTML 13Page - Sony Corporation XCST50 Datasheet HTML 14Page - Sony Corporation XCST50 Datasheet HTML 15Page - Sony Corporation XCST50 Datasheet HTML 16Page - Sony Corporation XCST50 Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
11
XC-ST50/50CE
XC-ST30/30CE
RESTART RESET (R.R)
Example 2 of long exposure
EXT HD
EXT VD
T
Video output
Odd and even fields are determined by the phase of the EXT HD/VD signal input from the outside.
Invalid image
Odd image
Even image
1/60 second
1/60 second
Valid frame image
Continuous signal: 15.734 kHz (XC-ST50/ST30), 15.625 kHz (XC-ST50CE/30CE) Allowable frequency value
±1%
VD interval(T): 262.5H or more (XC-ST50/ST30), 312.5H or more (XC-ST50CE/30CE) and 1 second or less (Recommended)
Four or more VD pulses are required.
Exposure time for Odd field
Exposure time for Even field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com