Electronic Components Datasheet Search
  English  ▼

X  

XCST50 Datasheet(PDF) 7 Page - Sony Corporation

Part # XCST50
Description  CCD B/W VIDEO CAMERA MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

XCST50 Datasheet(HTML) 7 Page - Sony Corporation

Back Button XCST50 Datasheet HTML 3Page - Sony Corporation XCST50 Datasheet HTML 4Page - Sony Corporation XCST50 Datasheet HTML 5Page - Sony Corporation XCST50 Datasheet HTML 6Page - Sony Corporation XCST50 Datasheet HTML 7Page - Sony Corporation XCST50 Datasheet HTML 8Page - Sony Corporation XCST50 Datasheet HTML 9Page - Sony Corporation XCST50 Datasheet HTML 10Page - Sony Corporation XCST50 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
5
XC-ST50/50CE
XC-ST30/30CE
LOCATION OF PARTS AND OPERATION
1 Lens mount section
A commercial C-mount lens as well as a
Sony standard lens can be used.
2 Camera mounting reference hole
These screw holes are positionned with
high precision related to CCD sensor.
3 Screw hole for tripod adaptor mounting
(VCT-ST70I)
4 12-pin multi-connector
DC IN/SYNC (DC power/sync signal input)
5 BNC connector
VIDEO OUT
6 γ correction
ON/OFF selector switch
7 Internal/external sync selector
switch
The camera operates with internal syn-
chronization when there is no external
sync input signal in the EXT position.
In this case, an HD/VD signal is not out-
put from the 12-pin multi-connector.
8 Trigger polarity selector switch
This switch can select the polarity (nega-
tive or positive) of a trigger pulse.
9 75
Ω termination selector switch
0 Selection DIP switch
Switches 1 to 4:
Selects the shutter speed.
Switch 5: Selects the frame or field
Switches 6 to 8:
Selects the normal shutter,
external trigger shutter, and
restart/reset.
A GAIN switch
A: Outputs a fixed-level video signal ac-
cording to the brightness of a sub-
ject. (Variable range: 0 to 18 dB)
F: Fixed gain 0 dB
M: Variable gain (Manual)
M (during factory setting):
Adjusted so that all XC-ST50/50CEs
or XC-ST30/30CEs are the same in
sensitivity (set by Sony’s standard
value) according to the deviation in
sensitivity of CCD.
Valid when multiple XC-ST50/50CEs
or XC-ST30/30CEs are used for an
identical subject.
B Volume control switch
This switch can be changed in the range
of 0 to 18 dB when the GAIN switch is set
to “M”.
During factory setting, this switch is ad-
justed to the fixed sensitivity for a stan-
dard subject.
4 5
2 3
2
1
3
A
5
B=
9
4
8
67
Pin No.
1
2
3
4
5
6
7
8
9
10
11
12
GND
+12 V
GND
VIDEO output
GND
External HD input
*
1 External VD input
GND
–
*
2 WEN output
TRIG input
GND
External HD/VD
synchronization
Internal HD/VD
synchronization
External VS
synchronization
GND
+12 V
GND
VIDEO output
GND
Internal HD output
Internal VD output
GND
–
*
2 WEN output
TRIG input
GND
GND
+12 V
GND
VIDEO output
GND
–
VS
GND
–
*
2 WEN output
TRIG input
GND
*
1: An input VD signal is required when the restart/reset mode is used.
*
2: A WEN output signal is valid only in the external trigger shutter mode.
Corresponding
No.
6
7
8
9
0
A
γ correction ON/OFF selector switch
Internal/external sync selector switch
Trigger polarity selector switch
75
Ω termination selector switch
Selection DIP switch
1, 2, 3, 4: Selects the Shutter speed.
5: Selects the field and frame integration.
6, 7, 8: Selects the normal shutter, external trigger shutter, and restart/reset.
GAIN switch
Switch
Factory-setting
mode
OFF
EXT
+
ON
OFF
(All set to
the left.)
FIX
XC-ST50/50CE
XC-ST30/30CE
(XC-ST50 model)
412-pin multi-connector
• Factory-setting mode of rear panel
CCD
VIDEO CAMERA MODULE
XC-ST50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com