Electronic Components Datasheet Search
  English  ▼

X  

XCST50 Datasheet(PDF) 23 Page - Sony Corporation

Part # XCST50
Description  CCD B/W VIDEO CAMERA MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

XCST50 Datasheet(HTML) 23 Page - Sony Corporation

Back Button XCST50 Datasheet HTML 19Page - Sony Corporation XCST50 Datasheet HTML 20Page - Sony Corporation XCST50 Datasheet HTML 21Page - Sony Corporation XCST50 Datasheet HTML 22Page - Sony Corporation XCST50 Datasheet HTML 23Page - Sony Corporation XCST50 Datasheet HTML 24Page - Sony Corporation XCST50 Datasheet HTML 25Page - Sony Corporation XCST50 Datasheet HTML 26Page - Sony Corporation XCST50 Datasheet HTML 27Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
21
XC-ST50/50CE
XC-ST30/30CE
1/3 s or more
min. 10 ms
*1 Trigger
Video out
WEN
*1 External HD
*1 External VD
(Single VD)
External trigger shutter operation
*3 Normal operation
Mode transition state
External input
inhibition area
(50 ms)
External trigger
shutter operation
*2 Exposure time Te
100
us to 250 ms
*2 Exposure
time Te
*4 T : T = 10 ms to 110 ms
250H
(XC-ST50/30)
293H
(XC-ST50CE/30CE)
250H
(XC-ST50/30)
293H
(XC-ST50CE/30CE)
1
3
1
2
TIMING CHART OF EXTERNAL TRIGGER SHUTTER - MODE 1 (NON-RESET MODE)
For setting the shutter speed using DIP switch
HD/VD input
• Continuous HD input and single VD input
*
1: This is a signal input from the outside. Be sure to input both HD and VD signals. Make the phase of the VD
signal coincide with the falling edge of the HD signal.
*
2: As shown in the table on page 7, exposure time Te is determined by the setting of a DIP switch.
*
3: The normal operation state is engaged when the high period exceeds 1/3 sec. After that, the external
trigger shutter operation is engaged when the trigger pulse goes “low”. In this case, the area between the
falling edge of a trigger pulse and the subsequent 50 ms period is an external input inhibition area. During
the trigger inhibit period, an input trigger may be missed.
*
4: Be sure to input an external VD signal for 10 ms to 110 ms from the rising edge of a trigger pulse (as shown
by 1 and 2 in the figure). For the input except described above, the operation cannot be ensured. If the
external VD signal is not input under the prescribed conditions, the normal operation is engaged several V
after a change in input operation under the prescribed conditions.
Note : An image is superimposed when the next exposure ends before the previous image is output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com