Electronic Components Datasheet Search
  English  ▼

X  

XCST50 Datasheet(PDF) 10 Page - Sony Corporation

Part # XCST50
Description  CCD B/W VIDEO CAMERA MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

XCST50 Datasheet(HTML) 10 Page - Sony Corporation

Back Button XCST50 Datasheet HTML 6Page - Sony Corporation XCST50 Datasheet HTML 7Page - Sony Corporation XCST50 Datasheet HTML 8Page - Sony Corporation XCST50 Datasheet HTML 9Page - Sony Corporation XCST50 Datasheet HTML 10Page - Sony Corporation XCST50 Datasheet HTML 11Page - Sony Corporation XCST50 Datasheet HTML 12Page - Sony Corporation XCST50 Datasheet HTML 13Page - Sony Corporation XCST50 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
8
XC-ST50/50CE
XC-ST30/30CE
ELECTRONIC SHUTTER
External trigger shutter
By inputting an external trigger, a high-speed moving subject can be caught at an exact position.
Set DIP switches 6, 7, and 8 on the rear panel to mode 1 or 2. (Refer to the table below.)
When the trigger pulse width is 1/3 sec or more, the output signal is switched to a normal video signal.
There are two modes for timing in which a video signal is obtained.
• Mode 1 (Non-reset mode)
In this mode, a video signal synchronized with a VD signal is output after a trigger pulse is input.
•
A video signal is synchronized with the external VD signal when an external HD/VD signal is input.
•
A video signal is synchronized with an internal VD signal when no external HD/VD signal is input.
• Mode 2 (Reset mode)
In this mode, a video signal is output from a trigger pulse after a certain period of time.
*
For more details of each timing chart, refer to pages 16 to 23.
Setting of external trigger shutter speed
There are two ways to set the shutter speed.
• Using DIP switch on the rear panel
• Using trigger pulse width
Set all of DIP switches 1 to 4 on the rear panel to 0.
•
An arbitrary shutter speed can be obtained by setting the trigger pulse width to the range of 2
µsec to 250
msec.
Exposure time = Trigger pulse width + 97
µsec (XC-ST50/ST30)
120
µsec (XC-ST50CE/ST30CE)
–
–
–
1
0
1
1
1
0
0
0
0
1
1
0
1
0
0
0
1
1
1
1
0
0
0
1
1
0
0
1
0
0
1
1
1
0
1
0
0
1
1
0
1
1
0
0
1
1
1
1
1
0
0
1
1
Mode 1 (Non-reset mode)
–
–
–
1
0
0
1
1
0
0
0
0
0
1
0
1
0
0
0
0
1
1
1
0
0
0
0
1
0
0
1
0
0
0
1
1
0
1
0
0
0
1
0
1
1
0
0
0
1
1
1
1
0
6
0
0
1
Switch
1
2
3
4
5
6
7
8
*1/100
*1/100
1/125
1/250
1/500
1/1000
1/2000
1/4000
**1/10000
Frame: 0 / Field: 1
Mode 2 (Reset mode)
Switch
1
2
3
4
5
6
7
8
1/125
1/250
1/500
1/1000
1/2000
1/4000
**1/10000
Frame: 0 / Field: 1
* The external trigger shutter speed is set to
1/100 sec for XC-ST50/ST30(EIA) and 1/120
sec for XC-ST50CE/30CE(CCIR).
** The external trigger shutter speed is set to
1/10000 sec for XC-ST50/ST30(EIA) and
1/8000 sec for XC-ST50CE/30CE(CCIR).
1: ON
0: OFF
–: Any
0
0
0
0
0
1
1
0
0
0
0
0
0
1
Switch
Mode 1
(Non-reset mode)
Mode 2
(Reset mode)
1
2
3
4
5
6
7
8
Frame: 0 / Field: 1
: 1. lt is recommended to set DIP switch 5 for field selection.
(The field selection is about two times in sensitivity as high as the frame selection.)
2. After a trigger pulse is input, a new trigger pulse must not be input before the video
signal obtained by the trigger pulse has been output.
1: ON
0: OFF
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com