Electronic Components Datasheet Search
  English  ▼

X  

XCST50 Datasheet(PDF) 11 Page - Sony Corporation

Part # XCST50
Description  CCD B/W VIDEO CAMERA MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

XCST50 Datasheet(HTML) 11 Page - Sony Corporation

Back Button XCST50 Datasheet HTML 7Page - Sony Corporation XCST50 Datasheet HTML 8Page - Sony Corporation XCST50 Datasheet HTML 9Page - Sony Corporation XCST50 Datasheet HTML 10Page - Sony Corporation XCST50 Datasheet HTML 11Page - Sony Corporation XCST50 Datasheet HTML 12Page - Sony Corporation XCST50 Datasheet HTML 13Page - Sony Corporation XCST50 Datasheet HTML 14Page - Sony Corporation XCST50 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
9
XC-ST50/50CE
XC-ST30/30CE
ELECTRONIC SHUTTER
Specifications of trigger pulse
When using a trigger pulse like shown below, set the TRIG polarity selector switch on the rear panel to + :
When using a trigger pulse like shown below, set the TRIG polarity selector switch on the rear panel to – :
*
Input impedance: 10 k
Ω or more
*
The voltage and pulse width used are measured at pin 11 of a 12-pin multi-connector on the rear panel.
Specifications of WEN (Write ENable Pulse)
*
Output impedance: 10 k
Ω or more
A
B
T
A: 2 to 5.0 V
B: 0 to 0.6 V
T: 2
µs to 1/4 s, 100 µs to 1/4 s when setting the shutter speed using DIP switch
A
B
T
A: 4.0 to 5.0 V
B:
0 to 2.0 V
T: 2
µs to 1/4 s, 100 µs to 1/4 s when setting the shutter speed using DIP switch
A
B
T
A: 5.0 V
B: 0 V
T: 15.875 ms (XC-ST50/30), 18.752 ms (XC-ST50CE/30CE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com