Electronic Components Datasheet Search
  English  ▼

X  

XCST50 Datasheet(PDF) 6 Page - Sony Corporation

Part # XCST50
Description  CCD B/W VIDEO CAMERA MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

XCST50 Datasheet(HTML) 6 Page - Sony Corporation

Back Button XCST50 Datasheet HTML 2Page - Sony Corporation XCST50 Datasheet HTML 3Page - Sony Corporation XCST50 Datasheet HTML 4Page - Sony Corporation XCST50 Datasheet HTML 5Page - Sony Corporation XCST50 Datasheet HTML 6Page - Sony Corporation XCST50 Datasheet HTML 7Page - Sony Corporation XCST50 Datasheet HTML 8Page - Sony Corporation XCST50 Datasheet HTML 9Page - Sony Corporation XCST50 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
4
XC-ST50/50CE
XC-ST30/30CE
LO-77ERK
VCL-08Y-M
VCL-12Y-M
VCL-16Y-M
VCL-25Y-M
XC-ST50/50CE
XC-ST30/30CE
Tripod adaptor
VCT-ST70I
CCXC-12P02N
C-mount lens
Close-up ring kit
VCL-50Y-M
AC
VIDEO OUT
VS*
2
HD/VD*
1
AC
VIDEO OUT
VS*
2
HD/VD*
1
AC
VIDEO OUT
VS*
2
HD/VD*
1
TRIG
WEN
DC +12 V
VIDEO OUT
VS*
2
HD/VD*
1
Camera cable
Camera adaptor
DC-77RR/CE
(No trigger input terminal is provided.)
Camera adaptor
DC-777/CE
(No trigger input terminal is provided.)
Camera adaptor
DC-700/CE
(Conforms to new EIAJ and uses 12-pin assignment.)
Junction box
JB-77
(No trigger input terminal is provided.)
CCXC-12P05N
CCXC-12P10N
CCXC-12P25N
*
1: An HD/VD signal cannot be used simultaneously with a VS signal.
*
2: A VS signal cannot be used simultaneously with an HD/VD signal.
: All functions of the XC-ST50/50CE and XC-ST30/30CE cannot
be used when using DC-777/CE, DC-77RR/CE, and JB-77.
Refer to the table shown below.
XC-ST30/30CE
XC-ST50/50CE
Normal
Normal shutter
Restart Reset (R.R)
Restart Reset (R.R)
+
shutter
External trigger shutter
DC-777/CE
DC-77RR/CE
JB-77
×
×
×
: Can be used.
×: Cannot be used.
Note
CONNECTION DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com