Electronic Components Datasheet Search
  English  ▼

X  

LP8555 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # LP8555
Description  LP8555 High-Efficiency LED Backlight Driver for Tablet PCs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8555 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LP8555 Datasheet HTML 40Page - Texas Instruments LP8555 Datasheet HTML 41Page - Texas Instruments LP8555 Datasheet HTML 42Page - Texas Instruments LP8555 Datasheet HTML 43Page - Texas Instruments LP8555 Datasheet HTML 44Page - Texas Instruments LP8555 Datasheet HTML 45Page - Texas Instruments LP8555 Datasheet HTML 46Page - Texas Instruments LP8555 Datasheet HTML 47Page - Texas Instruments LP8555 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
LP8555
SNVS857 – FEBRUARY 2014
www.ti.com
8.5.21 VHR0
Address: 0x78
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
VHR_SLOPE
RESERVED
VHR_VERT
Bits
Field
Type
Description
7
RESERVED
R/O
Typical headroom voltage at maximum current (50 mA)
000 = 210 mV
001 = 223 mV
010 = 235 mV
6:4
VHR_SLOPE
R/W
011 = 248 mV
100 = 260 mV
101 = 273 mV
110 = 285 mV
111 = 300 mV
3
RESERVED
Typical minimum headroom voltage
000 = 50 mV
001 = 80 mV
010 = 110 mV
2:0
VHR_VERT
R/W
011 = 140 mV
100 = 170 mV
101 = 200 mV
110 = 230 mV
111 = 260 mV
8.5.22 VHR1
Address: 0x79
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
VHR_HYST
RESERVED
VHR_HORZ
Bits
Field
Type
Description
7:6
RESERVED
R/O
Typical hysteresis for the mid comparator threshold (above the low comparator threshold).
00 = 200 mV
5:4
VHR_HYST
R/W
01 = 233 mV
10 = 466 mV
11 = 600 mV
3:2
RESERVED
R/O
Percentage of full driver range (horizontal component)
00 = 1%
1:0
VHR_HORZ
R/W
01 = 25%
10 = 37.5%
11 = 50%
44
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com