Electronic Components Datasheet Search
  English  ▼

X  

LP8555 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # LP8555
Description  LP8555 High-Efficiency LED Backlight Driver for Tablet PCs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8555 Datasheet(HTML) 48 Page - Texas Instruments

Back Button LP8555 Datasheet HTML 44Page - Texas Instruments LP8555 Datasheet HTML 45Page - Texas Instruments LP8555 Datasheet HTML 46Page - Texas Instruments LP8555 Datasheet HTML 47Page - Texas Instruments LP8555 Datasheet HTML 48Page - Texas Instruments LP8555 Datasheet HTML 49Page - Texas Instruments LP8555 Datasheet HTML 50Page - Texas Instruments LP8555 Datasheet HTML 51Page - Texas Instruments LP8555 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
LP8555
SNVS857 – FEBRUARY 2014
www.ti.com
Typical Applications (continued)
ADDRESS
BIT
BIT NAME
BIT DESCRIPTION
VALUE
MEANING
REG VALUE
(HEX)
(HEX)
77
7:6
FMOD_DIV
Spread spectrum modulation frequency
00b
When COMMAND.SSEN is set to 1
17
divisor
this value is used.
00 = 0.42%
5:0
-
010111b
78
6:4
VHR_SLOPE
LED driver maximum headroom voltage at
110b
110 = 285 mV
60
maximum current (50mA)
3
-
0b
2:0
VHR_VERT
LED driver maximum headroom voltage at
000b
000 = 50 mV
minimum current
79
5:4
VHR_HYST
LED driver hysteresis for mid comparator
01b
01 = 233 mV
11
level
3:2
-
00b
1:0
VHR_HORZ
LED driver headroom control knee
01b
01 = 25%
percentage of full LED current
7A
7
JEN
Enable boost voltage jumping on
1b
1 = Jump enabled
88
brightness change
6:4
-
000b
3:2
JTHR
Jump brightness threshold
10b
10 = 25%
1:0
JVOLT
Jump voltage
00b
00 = 2 V
9.2.1.3 Design Requirements
Example requirements based on default EPROM setup.
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
2.7 V to 4.5 V (Single Li-Ion cell battery)
Brightness Control
PWM input duty cycle
Backlight enabled
Writing ON bit 1 with I2C
PWM output frequency
19.2 kHz with PSPWM enabled
LED Current
25 mA / channel
Number of Channels
Up to 12 with string auto detection enabled
Brightness slopes
Disabled
External set resistors
Disabled
Inductor
4.7 µH to 6.8 µH, at least 3.1-A saturation current
Boost SW frequency
1 MHz
Maximum output voltage
28 V
SW current limit
3.1 A
CABC
Jump enabled for >25% brightness changes
48
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com