Electronic Components Datasheet Search
  English  ▼

X  

LP8555 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # LP8555
Description  LP8555 High-Efficiency LED Backlight Driver for Tablet PCs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8555 Datasheet(HTML) 47 Page - Texas Instruments

Back Button LP8555 Datasheet HTML 43Page - Texas Instruments LP8555 Datasheet HTML 44Page - Texas Instruments LP8555 Datasheet HTML 45Page - Texas Instruments LP8555 Datasheet HTML 46Page - Texas Instruments LP8555 Datasheet HTML 47Page - Texas Instruments LP8555 Datasheet HTML 48Page - Texas Instruments LP8555 Datasheet HTML 49Page - Texas Instruments LP8555 Datasheet HTML 50Page - Texas Instruments LP8555 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
LP8555
www.ti.com
SNVS857 – FEBRUARY 2014
Typical Applications (continued)
9.2.1.2 LP8555YFQR EPROM Configuration
ADDRESS
BIT
BIT NAME
BIT DESCRIPTION
VALUE
MEANING
REG VALUE
(HEX)
(HEX)
00
2
SREN
Boost slew rate limit enable
0b
0 = Boost slew rate not limited
00
1
SSEN
Spread spectrum enable
0b
0 = Spread spectrum disabled
0
ON
Backlight enable
0b
0 = Backlight enabled only by writing
this bit to 1
10
7
PWMSB
Enable automatic PWM input shutdown
0b
0 = Shutdown function disabled
64
6
PWMFILT
Enable PWM input filtering
1b
1 = PWM input analog 50 ns filter
enabled
5
EN_BPHASE180
Enable boost 180° phase difference
1b
1 = Boosts clocks are 180° shifted
4
-
0b
3
RELOAD
Enable EPROM read at every BL enable
0b
0 = EPROM is read only at first start-
sequence
up
2
AUTO
Enable auto detect for number of LEDs
1b
1 = LED string auto detection
during start-up
enabled
1:0
BRTMODE
Brightness control mode
00b
00 = PWM input duty control only
11
7
ISET
Enable external resistor setting of LED
0b
0 = LED current set with registers
05
string current
6:3
-
0000b
2:0
MAXCURR
Set maximum DC current per string
101b
101 = 25 mA
12
7
PFSET
Enable external resistor PWM frequency
0b
0 = PWM frequency selected with
2B
setting
registers
6
-
0b
5:3
THRESHOLD
Hybrid PMW and Current Control switch
101b
101 = 25% switch point
point control
2:0
PFSET
PWM frequency selection
011b
011 = 19.5 kHz
13
7
-
0b
01
6
-
0b
5:2
-
0000b
1
BIND
Boost inductor selection
0b
0 = 4.7 µH ... 6.8 µH inductor
0
BFREQ
Boost SW frequency
1b
1 = 1 MHz
14
7:6
OV
Set LED high comparator detection level
10b
10 = 3 V
BF
5:0
ENABLE_0
LED bank A string enable
111111b
1 = Enabled (all six strings)
15
7:6
SMOOTH
Advanced Sloping smoothing factor
00b
00 = No smoothing
20
5:3
PWM_IN_HYST
PWM input hysteresis
100b
100 = >8 LSB steps
2:0
STEP
Linear Slope time
000b
000 = 0ms
16
7:6
VMAX_0
Bank A boost maximum voltage
11b
11 = 28 V
F8
5
ADAPT_0
Enable boost adaptive control for bank A
1b
1 = Adaptive headroom enabled
4:0
VINIT_0
Initial voltage for bank A boost
11000b
11000 = 23.26 V
19
5:0
ENABLE_1
LED bank B string enable
111111b
1 = Enabled (all six strings)
3F
1A
7
VMAX_1
Bank B boost maximum voltage
11b
11 = 28 V
F8
6
ADAPT_1
Enable boost adaptive control for bank B
1b
1 = Adaptive headroom enabled
5
VINIT_1
Initial voltage for bank B boost
11000b
11000 = 23.26 V
1E
7:4
ID_CUST
ID register, Customer ID
0000b
0000
00
3:0
ID_CFG
ID register, EPROM config
0000b
0000
76
7
BOOST_IS_DIV2
Option divide Imax peak current by 2
0b
0 = Normal current limit
0B
6:5
-
00b
4
ALTID
I2C slave ID selector
0b
0 = 2Ch (7-bit)
3:2
SRON
Slowed boost slew rate
10b
When COMMAND.SREN is set to 1
this value is used.
10 = Second slowest
1:0
CURR_LIMIT
Inductor peak current limit
11b
11 = 3.1 A
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: LP8555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com