Electronic Components Datasheet Search
  English  ▼

X  

LP8555 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # LP8555
Description  LP8555 High-Efficiency LED Backlight Driver for Tablet PCs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8555 Datasheet(HTML) 46 Page - Texas Instruments

Back Button LP8555 Datasheet HTML 42Page - Texas Instruments LP8555 Datasheet HTML 43Page - Texas Instruments LP8555 Datasheet HTML 44Page - Texas Instruments LP8555 Datasheet HTML 45Page - Texas Instruments LP8555 Datasheet HTML 46Page - Texas Instruments LP8555 Datasheet HTML 47Page - Texas Instruments LP8555 Datasheet HTML 48Page - Texas Instruments LP8555 Datasheet HTML 49Page - Texas Instruments LP8555 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
LP8555
SW_A
FB_A
VLDO
GNDs
EN/VDDIO
ISET/SCL
PWM/INT
LEDA1
LEDA2
LEDA3
LEDA4
LEDB3
LEDB4
L1
D1
2.7V ± 4.5V
CVLDO
VDD
VBATT
FSET/SDA
LEDB5
LEDB6
SW_B
FB_B
L2
D2
2 x 4.7 2F
VBATT
LEDA5
LEDA6
LEDB1
LEDB2
VOUT_A
7 - 28V
VOUT_B
CVDD
EN
SDA
SCL
RPULL-UP
PWM
Brightness Control
PWM input only
4.7 ± 6.8µH
1µF
10µF
10µF
4.7 ± 6.8µH
2.7V ± 4.5V
LED
Current up
to 25mA /
string
LED
Current up
to 25mA /
string
7 - 28V
(Single Li-Ion Cell)
LCD Display
COUT_B
CIN_B
COUT_A
CIN_A
2 x 4.7 2F
10µF
39 pF
39 pF
LP8555
SNVS857 – FEBRUARY 2014
www.ti.com
9 Application and Implementation
9.1 Application Information
The LP8555 designed for LCD backlighting, especially for high-resolution tablet panels where more backlight
power is needed due to smaller aperture ratio of the LCD. With single-boost configuration the inductor selection
is difficult for height restricted applications; to overcome this LP8555 uses dual-boost configuration. This shares
the total load to two boost inductors and allows using two smaller inductors instead of one large inductor while
maintaining good efficiency. 12 LED current sinks allow driving up to 96 LEDs with high efficiency. Better
efficiency is achieved with using lower conversion ratio for boost and driving more LEDs in parallel, compared to
using fewer LED strings and higher boost conversion ratio. Main limiting factor for output power is inductor
current limit, which is calculated in the Detailed Design Procedure. PCB thermal performance must be
considered in high power applications where thermal dissipation of LP8555 can become limiting factor.
Due to a flexible input voltage configuration, the LP8555 can be used also in various other applications, such as
laptop backlighting, as well as other LED lighting where high number of LEDs are needed and must be driven
with highest possible efficiency. The following design procedure can be used to select component values for the
LP8555. An example for default EPROM configuration is given with corresponding design parameters.
LP8555EVM User Guide has reference bill of materials and example layout pictures.
9.2 Typical Applications
9.2.1 Application for Default LP8555YFQR EPROM Configuration
With the default EPROM configuration PWM input is used for brightness control. The backlight is
enabled/disabled and also configuration can be changed before backlight turning on with I2C writes. Up to 12
LED strings can be used with max 28-V boost output voltage. LED current is set to 25 mA by default. See
detailed EPROM setup in LP8555YFQR EPROM Configuration.
9.2.1.1 Schematic
Figure 43. Application Diagram for Default EPROM Setup
46
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com