Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK105 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 30Page - Texas Instruments TLK105 Datasheet HTML 31Page - Texas Instruments TLK105 Datasheet HTML 32Page - Texas Instruments TLK105 Datasheet HTML 33Page - Texas Instruments TLK105 Datasheet HTML 34Page - Texas Instruments TLK105 Datasheet HTML 35Page - Texas Instruments TLK105 Datasheet HTML 36Page - Texas Instruments TLK105 Datasheet HTML 37Page - Texas Instruments TLK105 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 104 page
background image
34
TLK105
TLK106
SLLSEB8C – AUGUST 2012 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106
Reset and Power Down Operation
Copyright © 2012–2016, Texas Instruments Incorporated
6.4
Power Save Modes
The TLK10x supports three types of power-save modes. The lowest power consumption is achieved in
IEEE power down mode. To enter IEEE power down mode, pull the INT/PWDN pin to LOW or program bit
11 in the Basic Mode Control Register (BMCR), address 0x0000. In this mode all internal circuitry except
SMI functionality is shut down (Register access is still available).
To enable and activate all other power save modes through register access, use register PHYSCR
(0x0011h). Setting bit 14 enables all power-save modes; bits [13:12] select between them.
Setting bits [13:12] to “01” powers down the PHY, forcing it into IEEE power down mode (Similar to BMCR
bit 11 functionality).
Setting bits [13:12] to “10” puts the PHY in Low Power Active Energy Saving mode.
Setting bits [13:12] to “11” puts the PHY in Low Power Passive Energy Saving mode.
When these bits are cleared, the PHY powers up and returns to the last state it was in before it was
powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com