Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK105 Datasheet(HTML) 1 Page - Texas Instruments

  TLK105 Datasheet HTML 1Page - Texas Instruments TLK105 Datasheet HTML 2Page - Texas Instruments TLK105 Datasheet HTML 3Page - Texas Instruments TLK105 Datasheet HTML 4Page - Texas Instruments TLK105 Datasheet HTML 5Page - Texas Instruments TLK105 Datasheet HTML 6Page - Texas Instruments TLK105 Datasheet HTML 7Page - Texas Instruments TLK105 Datasheet HTML 8Page - Texas Instruments TLK105 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
TLK10x
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLK105
TLK106
SLLSEB8C – AUGUST 2012 – REVISED APRIL 2016
TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
Transceiver
1
Introduction
1
1.1
Features
1
• Low Power Consumption:
– Single Supply: <205mW PHY, 275mW with
Center Tap (Typical)
– Dual Supplies: <126mW PHY, 200mW with
Center Tap (Typical)
• Programmable Power Back Off to reduce PHY
power up to 20% in systems with shorter cables
• Low deterministic latency supports IEEE1588
implementation
• Cable Diagnostics (TLK106)
• Programmable Fast Link Down Modes, <10µs
reaction time
• Variable I/O voltage range: 3.3V, 2.5V, 1.8V
• MAC Interface I/O voltage range:
– MII I/O voltage range: 3.3V, 2.5V, 1.8V
– RMII I/O voltage range: 3.3V, 2.5V
• Fixed TX Clock to XI, with programmable phase
shift
• Auto-MDIX for 10/100Mbs
• Energy Detection Mode
• MII and RMII Capabilities
• Serial Management Interface
• IEEE 802.3u MII
• IEEE 802.3u Auto-Negotiation and Parallel
Detection
• Error-Free 100Base-T Operation up to 150 Meters
Under Typical Conditions
• Error-Free 10Base-T Operation up to 300 Meters
Under Typical Conditions
• IEEE 802.3u ENDEC, 10Base-T
Transceivers and Filters
• IEEE 802.3u PCS, 100Base-TX Transceivers
• Integrated ANSI X3.263 Compliant TP-PMD
Physical Sublayer with Adaptive Equalization and
Baseline Wander Compensation
• Programmable LED Support Link, Activity
• 10/100Mbs Packet BIST (Built in Self Test)
• HBM ESD protection on RD± and TD± of 16kV
• 32-pin QFN (5mm) × (5mm)
1.2
Applications
•
Industrial Networks and Factory Automation
•
Real Time Industrial Ethernet Applications such as
EtherCAT®, Ethernet/IP™, ProfiNET®, SERCOSIII
and VARAN
•
Motor and Motion Control
•
General Embedded Applications
1.3
Device Overview


Similar Part No. - TLK105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK105 TI-TLK105 Datasheet
1Mb / 99P
Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK105L TI1-TLK105L Datasheet
1Mb / 105P
Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK105LRHBR TI1-TLK105LRHBR Datasheet
1Mb / 105P
Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK105LRHBT TI1-TLK105LRHBT Datasheet
1Mb / 105P
Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
More results

Similar Description - TLK105

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
TLK100 TI-TLK100_11 Datasheet
876Kb / 88P
Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
TLK110 TI1-TLK110 Datasheet
1Mb / 104P
Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK105 TI-TLK105 Datasheet
1Mb / 99P
Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK105L TI1-TLK105L Datasheet
1Mb / 105P
Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK111 TI1-TLK111 Datasheet
1Mb / 109P
TLK111 PHYTER Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
DP83620SQE TI1-DP83620SQE Datasheet
1Mb / 105P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
DP83620SQ TI-DP83620SQ Datasheet
1Mb / 105P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
DP83620SQE TI-DP83620SQE Datasheet
1Mb / 105P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
TLK111 TI1-TLK111_14 Datasheet
1Mb / 110P
PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com