Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK105 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 47Page - Texas Instruments TLK105 Datasheet HTML 48Page - Texas Instruments TLK105 Datasheet HTML 49Page - Texas Instruments TLK105 Datasheet HTML 50Page - Texas Instruments TLK105 Datasheet HTML 51Page - Texas Instruments TLK105 Datasheet HTML 52Page - Texas Instruments TLK105 Datasheet HTML 53Page - Texas Instruments TLK105 Datasheet HTML 54Page - Texas Instruments TLK105 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 104 page
background image
51
TLK105
TLK106
www.ti.com
SLLSEB8C – AUGUST 2012 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106
Register Block
Copyright © 2012–2016, Texas Instruments Incorporated
8.1.9
Auto-Negotiation Link Partner Ability Next Page Register (ANLNPTR)
This register contains the next page information sent by this device to its Link Partner during Auto-
Negotiation.
Table 8-12. Auto-Negotiation Link Partner Ability Register Next Page (ANLNPTR), address 0x0008
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
NP
0, RO
Next Page Indication:
1 = No other Next Page Transfer desired
0 = Another Next Page desired
14
ACK
0, RO
Acknowledge:
1 = Link Partner acknowledges reception of the ability data word
0 = Not acknowledged
The Auto-Negotiation state machine automatically controls this bit based on the incoming FLP
bursts. Software should not attempt to write to this bit.
13
MP
1, RO
Message Page:
1 = Message Page
0 = Unformatted Page
12
ACK2
0, RO
Acknowledge2:
1 = Link Partner has the ability to comply to next-page message
0 = Link Partner cannot comply to next-page message
Acknowledge2 is used by the next page function to indicate that Local Device has the ability to
comply with the message received.
11
Toggle
0, RO
Toggle:
1 = Value of toggle bit in previously transmitted Link Code Word was 0
0 = Value of toggle bit in previously transmitted Link Code Word was 1
Toggle is used by the Arbitration function within Auto-Negotiation to synchronize with the Link
Partner during Next Page exchange. This bit always takes the opposite value of the Toggle bit
in the previously exchanged Link Code Word.
10:0
CODE
000 0000 0001, RO
Code:
This field represents the code field of the next page transmission. If the MP bit is set (bit 13 of
this register), then the code is interpreted as a Message Page, as defined in annex 28C of
IEEE 802.3u. Otherwise, the code is interpreted as an Unformatted Page, and the
interpretation is application specific.
The default value of the CODE represents a Null Page as defined in Annex 28C of IEEE
802.3u.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com