Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK105 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 37Page - Texas Instruments TLK105 Datasheet HTML 38Page - Texas Instruments TLK105 Datasheet HTML 39Page - Texas Instruments TLK105 Datasheet HTML 40Page - Texas Instruments TLK105 Datasheet HTML 41Page - Texas Instruments TLK105 Datasheet HTML 42Page - Texas Instruments TLK105 Datasheet HTML 43Page - Texas Instruments TLK105 Datasheet HTML 44Page - Texas Instruments TLK105 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 104 page
background image
Copyright © 2012–2016, Texas Instruments Incorporated
Register Block
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106
41
TLK105
TLK106
www.ti.com
SLLSEB8C – AUGUST 2012 – REVISED APRIL 2016
Table 8-2. Register Table (continued)
Register Name
Addr
Tag
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Receive Error
Counter Register
15h
RECR
RX Err Count
BIST Control Register
16h
BISCR
Reserved
PRBS
Count
Mode
Generate
PRBS
Packets
Packet Gen
Enable
PRBS
Checker
Lock
PRBS
Checker
SyncLoss
Packet Gen
Status
Power
Mode
Reserved
Transmit in
MII
Loopback
Reserved
Loopback Mode
RMII Control, Status
Register
17h
RCSR
Reserved
RMII Mode
RMII
Revision
RMII OVF
Status
RMII UNF
Status
ELAST BUF
LED Control Register
18h
LEDCR
Reserved
Blink Rate
LED Speed
Polarity
LED Link
Polarity
LED
Activity
Polarity
Drive LED
Speed
Drive LED
Link
Drive LED
Activity
Speed LED
ON/OFF
Link LED
ON/OFF
Activity
LED
ON/OFF
PHY Control Register
19h
PHYCR
Auto MDI/X
Enable
Force
MDI/X
Pause RX
Status
Pause TX
Status
MI Link
Status
Reserved
Bypass
LED
Stretching
LED CFG
PHY ADDR
BIST Packet Length
register
1Ah
10BTSCR
Reserved
Receiver
TH
Squelch
Reserved
NLP
Disable
Reserved
Polarity
Status
Reserved
Jabber
Disable
BIST Control, Status
Register 1
1Bh
BICSR1
BIST Err Count
BIST IPG Length
BIST Control, Status
Register 2
1Ch
BICSR2
Reserved
Packet Length
Cable Diagnostic
Control Register
1Eh
CDCR
Diagnostic
Start
Reserved
Link Quality Link Quality
Reserved
Diagnostic
Done
Diagnostic
Fail
Power Down Register
1Fh
PDR
Software
Reset
Software
Restart
Reserved
space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com