Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK105 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 9Page - Texas Instruments TLK105 Datasheet HTML 10Page - Texas Instruments TLK105 Datasheet HTML 11Page - Texas Instruments TLK105 Datasheet HTML 12Page - Texas Instruments TLK105 Datasheet HTML 13Page - Texas Instruments TLK105 Datasheet HTML 14Page - Texas Instruments TLK105 Datasheet HTML 15Page - Texas Instruments TLK105 Datasheet HTML 16Page - Texas Instruments TLK105 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
MAC/
Switch
PCS
Signal
Process
PHY
AFE
Digital Loopback
PHY Digital
External Loopback
Analog Loopback
PCS Loopback
XFMR
1
2
3
4
5
6
7
8
M
I
I
MII Loopback
Copyright © 2016, Texas Instruments Incorporated
13
TLK105
TLK106
www.ti.com
SLLSEB8C – AUGUST 2012 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106
Hardware Configuration
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
Requires 100
Ω termination
3.9
Loopback Functionality
The TLK10x provides several options for Loopback that test and verify various functional blocks within the
PHY. Enabling loopback mode allows in-circuit testing of the TLK10x digital and analog data path.
Generally, the TLK10x may be configured to one of the Near-end loopback modes or to the Far-end
(reverse) loopback.
3.9.1
Near-End Loopback
Near-end loopback provides the ability to loop the transmitted data back to the receiver via the digital or
analog circuitry. The point at which the signal is looped back is selected using loopback control bits with
several options being provided. Figure 3-5 shows the PHY near-end loopback functionality.
Figure 3-5. Block Diagram, Near-End Loopback Mode
The Near-end Loopback mode is selected by setting the respective bit in the BIST Control Register
(BISCR), MII register address 0x0016. MII loopback can be selected by using the BMCR register at
address 0x0000, bit [14].
The Near-end Loopback can be selected according to the following:
•
Reg 0x0000, Bit [14]: MII Loopback
•
Reg 0x0016, Bit [0]: PCS input Loopback
•
Reg 0x0016, Bit [1]: PCS output Loopback
•
Reg 0x0016, Bit [2]: Digital Loopback
•
Reg 0x0016, Bit [3]: Analog Loopback
Table 3-5 describes the available operational modes for each loop mode:
Table 3-5. Loop Modes
LOOP MODE
MII
PCS INPUT
PCS
OUTPUT
DIGITAL
ANALOG(1)
EXTERNAL
Operational Setting
Force/ANEG 100/10
Force 100/10
Force 100
Force 100
Force 10/100 ANEG
10
Force/ANEG 100/10
Operational MAC int.
MII Only
MII or RMII
MII or RMII
MII or RMII
MII or RMII
MII or RMII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com