Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK105 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 3Page - Texas Instruments TLK105 Datasheet HTML 4Page - Texas Instruments TLK105 Datasheet HTML 5Page - Texas Instruments TLK105 Datasheet HTML 6Page - Texas Instruments TLK105 Datasheet HTML 7Page - Texas Instruments TLK105 Datasheet HTML 8Page - Texas Instruments TLK105 Datasheet HTML 9Page - Texas Instruments TLK105 Datasheet HTML 10Page - Texas Instruments TLK105 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 104 page
background image
7
TLK105
TLK106
www.ti.com
SLLSEB8C – AUGUST 2012 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106
Hardware Configuration
Copyright © 2012–2016, Texas Instruments Incorporated
2.8
Power and Bias Connections
PIN
TYPE
DESCRIPTION
NAME
NO.
RBIAS
16
I
Bias Resistor Connection: Use a 4.87k
Ω 1% resistor connected from RBIAS to GND.
PFBOUT
15
O
Power Feedback Output: Place 10µf and 0.1
μF capacitors (ceramic preferred) close to PFBOUT.
In single-supply operation, connect this pin to PFBIN1 and PFBIN2 (pin 13 and pin 24). See Figure 3-1
for proper placement.
In multiple supply operation, this pin is not used.
PFBIN1
13
I
Power Feedback Input: These pins are fed with power from PFBOUT (pin 15) in single supply
operation.
PFBIN2
24
In multiple supply operation, connect a 1.55V external power supply to these pins. Connect a small
capacitor of 0.1µF close to each pin. To power down the internal linear regulator, write to register
0x00d0.
VDD_IO
21
P
I/O 3.3V, 2.5V, or 1.8V Supply - For details, see Section 3.2.3
AVDD33
14
P
Analog 3.3V power supply
GND
Ground
Pad
P
Ground Pad
3
Hardware Configuration
This section includes information on the various configuration options available with the TLK10x. The
configuration options described below include:
•
Bootstrap Configuration
•
Power Supply Configuration
•
IO Pins Hi-Z State During Reset
•
Auto-Negotiation
•
Auto-MDIX
•
MII Isolate mode
•
PHY Address
•
LED Interface
•
Loopback Functionality
•
BIST
•
Cable Diagnostics
3.1
Bootstrap Configuration
Bootstrap configuration is a convenient way to configure the TLK10x into specific modes of operation.
Some of the functional pins are used as configuration inputs. The logic states of these pins are sampled
during reset and are used to configure the device into specific modes of operation. The table below
describes bootstrap configuration.
A 2.2k
Ω resistor is used for pull-down or pull-up to change the default configuration. If the default option is
desired, then there is no need for external pull-up or pull down resistors. Because these pins may have
alternate functions after reset is deasserted, they must not be connected directly to VCC or GND.
Table 3-1. Strap Options
PIN
TYPE
NAME
NO.
DESCRIPTION
PHYAD0 (COL)
PHYAD1 (RXD_0)
PHYAD2 (RXD_1)
PHYAD3 (RXD_2)
PHYAD4 (RXD_3)
29
30
31
32
1
S, O, PD /
PU
PHY Address [4:0]: The TLK10x provides five PHY address pins, the states of which are
latched into an internal register at system hardware reset. The TLK10x supports PHY
Address values 0 (<00000>) through 31 (<11111>). PHYAD[4:1] pins have weak internal
pull-down resistors, and PHYAD[0] has weak internal pull-up resistor, setting the default
PHYAD if no external resistors are connected.
AN_0 (LED_LINK)
17
S, O, PU
AN_0: FD-HD config. FD = pull up.
The default wake-up is auto negotiation enable 100BT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com