Electronic Components Datasheet Search
  English  ▼

X  

LP55231 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55231 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 13Page - Texas Instruments LP55231 Datasheet HTML 14Page - Texas Instruments LP55231 Datasheet HTML 15Page - Texas Instruments LP55231 Datasheet HTML 16Page - Texas Instruments LP55231 Datasheet HTML 17Page - Texas Instruments LP55231 Datasheet HTML 18Page - Texas Instruments LP55231 Datasheet HTML 19Page - Texas Instruments LP55231 Datasheet HTML 20Page - Texas Instruments LP55231 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
STANDBY
RESET
INTERNAL
STARTUP
SEQUENCE
Reset Register = FF
or
POR=H
TSD = H
NORMAL MODE
EN=H (pin) and
CHIP_EN=H (bit)
EN=L (pin) or
CHIP_EN=L (bit)
POR
TSD = L
POWER SAVE
Enter power save
Exit power save
17
LP55231
www.ti.com
SNOSCR5B – MARCH 2013 – REVISED MAY 2016
Product Folder Links: LP55231
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Modes Of Operation
RESET:
In the RESET mode all the internal registers are reset to the default values. Reset is always
entered if Reset Register (3DH) is written FFH or internal Power-On Reset is active. Power-On
Reset (POR) activate during the chip start-up or when the supply voltage VDD fall below 1.5 V
(typical). Once VDD rises above 1.5 V (typical), POR deactivate, and the chip continues to the
STANDBY mode. CHIP_EN control bit is low after POR by default.
STANDBY: The STANDBY mode is entered if the register bit CHIP_EN or EN pin is LOW and Reset is not
active. This is the low-power consumption mode, when all circuit functions are disabled. Most
registers can be written in this mode if EN pin is risen to high so that control bits are effective right
after the start-up (see Control Register Details).
START-UP: When CHIP_EN bit is written high, and EN pin is high, the INTERNAL START-UP SEQUENCE
powers up all the needed internal blocks (VREF, Bias, Oscillator etc.). Start-up delay is 500
μs. If
the chip temperature rises too high, the Thermal Shutdown (TSD) disables the chip operation, and
the chip waits in START-UP mode until no thermal shutdown event is present.
NORMAL:
During NORMAL mode the user controls the chip using the Control Registers.
POWER SAVE: In POWER-SAVE mode analog blocks are disabled to minimize power consumption. See
Automatic Power-Save Mode section for further information.
Figure 19. Modes of Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com