Electronic Components Datasheet Search
  English  ▼

X  

LP55231 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55231 Datasheet(HTML) 48 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 44Page - Texas Instruments LP55231 Datasheet HTML 45Page - Texas Instruments LP55231 Datasheet HTML 46Page - Texas Instruments LP55231 Datasheet HTML 47Page - Texas Instruments LP55231 Datasheet HTML 48Page - Texas Instruments LP55231 Datasheet HTML 49Page - Texas Instruments LP55231 Datasheet HTML 50Page - Texas Instruments LP55231 Datasheet HTML 51Page - Texas Instruments LP55231 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
LP55231
D2
D3
D6
D1
VOUT
COUT
1 µF
C2
0.47 µF
ASEL0
ASEL1
GND
MCU
SCL
SDA
EN
CLK
TRIG
INT
CIN
1 µF
VIN
VDD
C1
0.47 µF
C1+ C1- C2+ C2-
D5
D4
D9
D8
D7
VIBRAP
VIBRA
MOTOR
H-DRIVER
INA
INB
OUTA
OUTB
VDD
VIBRAN
240R/100 MHz
FERRITE
1 nF 1 nF
1 nF
TRIG FROM
SCREEN
CONTROLLER
100
NŸ
100
NŸ
APPLICATION
PROCESSOR
CONTROL
(OPTIONAL)
M
{
Copyright © 2016, Texas Instruments Incorporated
3.6V
3.6V
2.8V
4.2V
4.5V
VDD
VOUT
TIME (2 ms/DIV)
3.6V
2.8V
3.6V
4.2V
VDD
VOUT
TIME (2 ms/DIV)
48
LP55231
SNOSCR5B – MARCH 2013 – REVISED MAY 2016
www.ti.com
Product Folder Links: LP55231
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
8.2.1.3 Application Curves
1.5× to 1×
6 LEDs At 1 mA / 100% PWM
Figure 28. Line Transient and Charge Pump Automatic
Gain Change
1.5× To 1×
6 LEDs At 1 mA / 100% PWM
Figure 29. Line Transient and Charge Pump Automatic
Gain Change
8.2.2 Driving Haptic Feedback with LP55231
Figure 30 depicts an example schematic for LP55231 driving a vibra motor. A vibra motor can be used for haptic
feedback with touch screens and also for normal vibra operation (call indication, and so forth). Battery-powered
D8 and D9 outputs are used for controlling the H-Driver (Microchip TC442x series or equivalent), which drives
the vibra motor. (The remaining outputs D1 to D7 can be used for LED driving.) With H-Driver the rotation
direction of the vibra motor can be changed. For vibra operation user can load several programs to the LP55231
program memory in order to get interesting vibration effects, with changing frequency, ramps, etc.
Figure 30. LP55231 Haptic Feedback Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com