Electronic Components Datasheet Search
  English  ▼

X  

LP55231 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55231 Datasheet(HTML) 4 Page - Texas Instruments

  LP55231 Datasheet HTML 1Page - Texas Instruments LP55231 Datasheet HTML 2Page - Texas Instruments LP55231 Datasheet HTML 3Page - Texas Instruments LP55231 Datasheet HTML 4Page - Texas Instruments LP55231 Datasheet HTML 5Page - Texas Instruments LP55231 Datasheet HTML 6Page - Texas Instruments LP55231 Datasheet HTML 7Page - Texas Instruments LP55231 Datasheet HTML 8Page - Texas Instruments LP55231 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
4
LP55231
SNOSCR5B – MARCH 2013 – REVISED MAY 2016
www.ti.com
Product Folder Links: LP55231
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage are with respect to the potential at the GND pin.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150°C (typical) and
disengages at TJ = 130°C (typical).
(4)
For detailed soldering specifications and information, refer to AN-1187 Leadless Leadframe Package (LLP)(SNOA401).
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Voltage
Voltage on power pin VDD
−0.3
6
V
Voltage on D1 to D9, C1
−, C1+,
C2
−, C2+, VOUT
−0.3 V to VDD + 0.3 V with 6 V max
V
Power
Continuous power dissipation(3)
Internally limited
Temperature
Junction temperature, TJ-MAX
125
°C
Maximum lead temperature (soldering)
See (4)
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
Machine model: all pins
±250
(1)
All voltage are with respect to the potential at the GND pin.
(2)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
VDD
Input voltage
2.7
5.5
V
Voltage on logic pins (input or output pins)
0
VDD
V
IOUT
Recommended charge pump load current
0
100
mA
TJ
Junction temperature
−30
125
°C
TA
Ambient temperature(2)
−30
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
LP55231
UNIT
RTW (WQFN)
24 PINS
RθJA
Junction-to-ambient thermal resistance
33.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
27.3
°C/W
RθJB
Junction-to-board thermal resistance
11.4
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
11.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.2
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com