Electronic Components Datasheet Search
  English  ▼

X  

LP55231 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55231 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 8Page - Texas Instruments LP55231 Datasheet HTML 9Page - Texas Instruments LP55231 Datasheet HTML 10Page - Texas Instruments LP55231 Datasheet HTML 11Page - Texas Instruments LP55231 Datasheet HTML 12Page - Texas Instruments LP55231 Datasheet HTML 13Page - Texas Instruments LP55231 Datasheet HTML 14Page - Texas Instruments LP55231 Datasheet HTML 15Page - Texas Instruments LP55231 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
REG
1.5x
V
,
1.5 x V
, ROUT
VIN
VOUT
Copyright © 2016, Texas Instruments Incorporated
-25
0
25
50
75
TEMPERATURE °C
0
25
50
75
100
MAXIMUM
SLOPE VALUE
MINIMUM
SLOPE VALUE
NO
COMP.
12
LP55231
SNOSCR5B – MARCH 2013 – REVISED MAY 2016
www.ti.com
Product Folder Links: LP55231
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 13. Temperature Compensation Principle
7.3.5 Charge Pump Operational Description
7.3.5.1 Overview
The LP55231 includes a pre-regulated switched-capacitor charge pump with a programmable voltage
multiplication of 1 and 1.5×. In 1.5× mode, by combining the principles of a switched-capacitor charge pump and
a linear regulator, a regulated 4.5 V output is generated from the Li-Ion input voltage range. A two-phase non-
overlapping clock generated internally controls the operation of the charge pump. During the charge phase, both
flying capacitors (C1 and C2) are charged from input voltage. In the pump phase that follows, the flying
capacitors are discharged to output. A traditional switched-capacitor charge pump operating in this manner use
switches with very low on-resistance, ideally 0
Ω, to generate an output voltage that is 1.5× the input voltage.
The LP55231 regulates the output voltage by controlling the resistance of the input-connected pass-transistor
switches in the charge pump.
7.3.5.2 Output Resistance
At lower input voltages, the charge pump output voltage may degrade due to effective output resistance (ROUT) of
the charge pump. The expected voltage drop can be calculated by using a simple model for the charge pump
shown in Figure 14.
Figure 14. Charge Pump Output Resistance Model
The model shows a linear pre-regulation block (REG), a voltage multiplier (1.5×), and an output resistance
(ROUT). Output resistance models the output voltage drop that is inherent to switched capacitor converters. The
output resistance is 3.5
Ω (typ.), and it is a function of switching frequency, input voltage, flying capacitors’
capacitance value, internal resistances of the switches and ESR of the flying capacitors. When the output voltage
is in regulation, the regulator in the model controls the voltage V’ to keep the output voltage equal to 4.5 V
(typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com