Electronic Components Datasheet Search
  English  ▼

X  

LP55231 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55231 Datasheet(HTML) 5 Page - Texas Instruments

  LP55231 Datasheet HTML 1Page - Texas Instruments LP55231 Datasheet HTML 2Page - Texas Instruments LP55231 Datasheet HTML 3Page - Texas Instruments LP55231 Datasheet HTML 4Page - Texas Instruments LP55231 Datasheet HTML 5Page - Texas Instruments LP55231 Datasheet HTML 6Page - Texas Instruments LP55231 Datasheet HTML 7Page - Texas Instruments LP55231 Datasheet HTML 8Page - Texas Instruments LP55231 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
5
LP55231
www.ti.com
SNOSCR5B – MARCH 2013 – REVISED MAY 2016
Product Folder Links: LP55231
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
The Electrical Characteristics tables list specifications under the listed Recommended Operating Conditions except as otherwise
modified or specified by the Electrical Characteristics Test Conditions and/or Notes. Typical specifications are estimations only and are
not verified.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Min and Max limits are verified by design, test, or statistical analysis.
(4)
Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
6.5 Electrical Characteristics
Typical (TYP) values apply for TA = 25°C and minimum (MIN) and maximum (MAX) apply over the operating ambient
temperature range (
−30°C < TA < 85°C). Specifications apply to the LP55231 Functional Block Diagram with: VDD = 3.6 V,
VEN = 1.65 V, COUT = 1 µF, CIN = 1 µF, C1–2 = 0.47 µF, unless otherwise specified.
(1) (2) (3) (4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVDD
Standby supply current
VEN = 0V, CHIP_EN=0 (bit), external 32-kHz
clock running or not running
0.2
1
µA
CHIP_EN=0 (bit), external 32-kHz clock not
running
1
1.7
µA
CHIP_EN=0 (bit), external 32-kHz clock
running
1.4
2.3
µA
Normal mode supply current
External 32-kHz clock running, charge pump
and current source outputs disabled
0.6
0.75
mA
Charge pump in 1× mode, no load, current
source outputs disabled
0.8
0.95
mA
Charge pump in 1.5× mode, no load, current
source outputs disabled
1.8
mA
Power save mode supply
current
External 32-kHz clock running
10
15
µA
Internal oscillator running
0.6
0.75
mA
ƒOSC
Internal oscillator frequency
accuracy
TA = 25°C
−4%
4%
–7%
7%
(1)
Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
(2)
Turnon time is measured from the moment the charge pump is activated until the VOUT crosses 90% of its target value.
6.6 Charge Pump Electrical Characteristics
Typical (TYP) values apply for TA = 25°C and minimum (MIN) and maximum (MAX) apply over the operating ambient
temperature range (
−30°C < TA < 85°C). Specifications apply to the LP55231 Functional Block Diagram with: VDD = 3.6 V,
VEN = 1.65 V, COUT = 1 µF, CIN = 1 µF, C1–2 = 0.47 µF, unless otherwise specified.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ROUT
Charge pump output resistance
Gain = 1.5×
Gain = 1×
3.5
1
Ω
ƒSW
Switching frequency
1.25
MHz
IGND
Ground current
Gain = 1.5×
Gain = 1×
1.2
0.3
mA
tON
VOUT turnon time
(2)
VDD = 3.6 V, IOUT = 60 mA
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com