Electronic Components Datasheet Search
  English  ▼

X  

LP55231 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55231 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 36Page - Texas Instruments LP55231 Datasheet HTML 37Page - Texas Instruments LP55231 Datasheet HTML 38Page - Texas Instruments LP55231 Datasheet HTML 39Page - Texas Instruments LP55231 Datasheet HTML 40Page - Texas Instruments LP55231 Datasheet HTML 41Page - Texas Instruments LP55231 Datasheet HTML 42Page - Texas Instruments LP55231 Datasheet HTML 43Page - Texas Instruments LP55231 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
DIMMING
CONTROL
STEP COUNT
1
2
4
3
5
6
7
8
0
STEP TIME
SPAN =
187.5ms
TIME ELAPSED (ms)
375
750
1125
1500
140
141
142
143
144
145
146
147
148
0
RAMP INSTRUCTION
40
LP55231
SNOSCR5B – MARCH 2013 – REVISED MAY 2016
www.ti.com
Product Folder Links: LP55231
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Table 8. Ramp Instructions (continued)
NAME
VALUE (d)
DESCRIPTION
(2)
Valid for variables.
# of
increments(1)
0 - 255
The number of increment/decrement cycles. Note: Value 0 takes the same time as increment by 1, but
it is the wait instruction.
step time(2)
0 - 3
One ramp increment done in (step time) x (prescale).
Step time is loaded with the value (5 LSB bits) of the variable defined below.
0 = local variable A
1 = local variable B
2 = global variable C
3 = register address 3CH variable D value, or register address 42H value.
The value of the variable should be from 00001b to 11111b (1d to 31d) for correct operation.
# of
increments(2)
0 - 3
The number of increment/decrement cycles. Value is taken from variable defined below:
0 = local variable A
1 = local variable B
2 = global variable C
3 = register address 3CH variable D value, or register address 42H value.
(1)
(i) Valid for numerical operands. (ii) Valid for variables.
7.6.4.2 Ramp Instruction Application Example
Suppose that the LED dimming is controlled according to the linear scale and effective PWM value at the
moment t = 0 is 140d (approximately 55%), as shown in the figure below, and we want to reach a PWM value of
148d (approximately 58%) at the moment t = 1.5 s. The parameters for the RAMP instruction are:
•
Prescale = 1
→ 15.625 ms cycle time
•
Step time = 12
→ step time span is 12 × 15.625 ms = 187.5 ms
•
Sign = 0
→ increase PWM output
•
# of increments = 8
→ take 8 steps
Figure 26. Example Of Ramp Instruction
7.6.4.3 Set_PWM
This instruction is used for setting the PWM value on the outputs D1 to D9 without any ramps. Set PWM output
value from 0 to 255 with PWM value bits [7:0]. Instruction execution takes sixteen 32-kHz clock cycles (=488 µs).
NAME
VALUE (d)
DESCRIPTION
PWM value (i)(1)
0 - 255
PWM output duty cycle 0 - 100%
variable (ii)(1)
0 - 3
0 = local variable A
1 = local variable B
2 = global variable C
3 = register address 3CH variable D value, or register address 42H value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com