Electronic Components Datasheet Search
  English  ▼

X  

LP55231 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55231 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 12Page - Texas Instruments LP55231 Datasheet HTML 13Page - Texas Instruments LP55231 Datasheet HTML 14Page - Texas Instruments LP55231 Datasheet HTML 15Page - Texas Instruments LP55231 Datasheet HTML 16Page - Texas Instruments LP55231 Datasheet HTML 17Page - Texas Instruments LP55231 Datasheet HTML 18Page - Texas Instruments LP55231 Datasheet HTML 19Page - Texas Instruments LP55231 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
LP5523 INPUT
CURRENT 1 mA/DIV
PWM POWERSAVE
ENABLED
INPUT CURRENT ~50 éA
DURING PWM
POWERSAVE
LED CURRENT 5 mA/DIV
TIME 1 ms/DIV
16
LP55231
SNOSCR5B – MARCH 2013 – REVISED MAY 2016
www.ti.com
Product Folder Links: LP55231
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.6.3 Controlling The High-Side LED Drivers
1. Direct PWM Control: All LP55231 LED drivers, D1 to D9, can be controlled independently through the two-
wire serial I2C-compatible interface. For each high-side driver there is a PWM control register. Direct PWM
control is active by default.
2. Controlling by Program Execution Engines: Engine control is used when the user wants to create
programmed sequences. The program execution engine has a higher priority than direct control registers.
Therefore, if the user has set the PWM register to a certain value, it is automatically overridden when the
program execution engine controls the driver. LED control and program execution engine operation is
described in Control Register Details.
3. Master Fader Control: In addition to LED-by-LED PWM register control, the LP55231 is equipped with master
fader control, which allows the user to fade in or fade out multiple LEDs by writing to only one register. This
is a useful function to minimize serial bus traffic between the MCU and the LP55231. The LP55231 has three
master fader registers, so it is possible to form three master fader groups.
7.3.7 Automatic Power-Save Mode
Automatic power-save mode is enabled when POWERSAVE_EN bit in register address 36H is 1. Almost all
analog blocks are powered down in power save if an external clock signal is used. Only the charge-pump
protection circuits remain active. However, if the internal clock has been selected, only charge pump and LED
drivers are disabled during the power save; the digital part of the LED controller needs to stay active. In both
cases the charge pump enters the weak 1× mode. In this mode the charge pump utilizes a passive current
limited keep-alive switch, which keeps the output voltage at the battery level. During the program execution
LP55231 can enter power save if there is no PWM activity in any of the LED driver outputs. To prevent short
power-save sequences during program execution, LP55231 has an instruction look-ahead filter. During program
execution engine 1, engine 2, and engine 3 instructions are constantly analyzed, and if there are time intervals of
more than 50 ms in length with no PWM activity on LED driver outputs, the device enters power save. In power-
save mode program execution continues uninterrupted. When an instruction that requires PWM activity is
executed, a fast internal start-up sequence is started automatically.
7.3.8 PWM Power-Save Mode
PWM cycle power-save mode is enabled when register 36 bit [2] PWM_PS_EN is set to 1. In PWM power-save
mode analog blocks are powered down during the down time of the PWM cycle. Which blocks are powered down
depends whether the external or internal clock is used. While the automatic power-save mode (see Automatic
Power-Save Mode) saves energy when there is no PWM activity at all, the PWM power-save mode saves energy
during PWM cycles. Like the automatic power-save mode, PWM power-save mode also works during program
execution. Figure 18 shows the principle of the PWM power-save technique. An LED on D9 output is driven at
50% PWM, 5-mA current (top waveform). After PWM power-save enable, the LED-current remains the same, but
the LP55231 input current drops down to about 50 µA when the LED is OFF, or to approximately 200 µA when
the charge-pump-powered output(s) are used.
Figure 18. PWM Power-Save Principle
External Clock, VDD = 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com