Electronic Components Datasheet Search
  English  ▼

X  

TLV2548CPWR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548CPWR
Description  2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2548CPWR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV2548CPWR Datasheet HTML 12Page - Texas Instruments TLV2548CPWR Datasheet HTML 13Page - Texas Instruments TLV2548CPWR Datasheet HTML 14Page - Texas Instruments TLV2548CPWR Datasheet HTML 15Page - Texas Instruments TLV2548CPWR Datasheet HTML 16Page - Texas Instruments TLV2548CPWR Datasheet HTML 17Page - Texas Instruments TLV2548CPWR Datasheet HTML 18Page - Texas Instruments TLV2548CPWR Datasheet HTML 19Page - Texas Instruments TLV2548CPWR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
TLV2544, TLV2548
2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
modes using the FIFO: modes 01, 10, 11 timing (continued)
CS
CSTART
SDI
INT
SDO
Hi-Z
FS
(DSP)
Configure
Select
Conversion #1 From Channel 2
Select
Conversion #4 From Channel 2
Read FIFO
First FIFO Read
‡‡
‡
‡
§
#1
#2
#3
#4
†
§
t(sample)
Hi-Z
Sample Times
≥ MIN t(sample)
(See Operating Characteristics)
t(sample)
t(sample)
t(sample)
† Command = Configure write for mode 01, FIFO threshold = 1/2
‡ Command = Read FIFO, first FIFO read
§ Command = Select ch2.
¶ Minimum CS low time for select cycle is 6 SCLKs. The same amount of time is required between FS low to CSTART for proper channel decoding.
The low time of CSTART, not overlapped with CS low time, is the valid sampling time for the select cycle (see Figure 18).
Figure 11. TLV2544/TLV2548 Mode 01
µp/DSP Serial Interface (Conversions Triggered by CSTART)
CS
CSTART
SDI
INT
SDO
From Channel 0
FS
(DSP)
From Channel 3
Configure
Conversion
Conversion
Read FIFO
#1
#2
#3
#4
Top of FIFO
‡
‡
†
‡‡
‡
Read FIFO
#1
From Channel 0
Conversion
From Channel 3
Conversion
Repeat
Second FIFO Read
Repeat
First FIFO Read
§
§
§
§
§
§
§
§
† Command = Configure write for mode 10 or 11, FIFO threshold = 1/2, sweep seq = 0−1−2−3.
‡ Command = Read FIFO
§ Use any channel select command to trigger SDI input.
Figure 12. TLV2544/TLV2548 Mode 10/11 DSP Serial Interface (Conversions Triggered by FS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com