Electronic Components Datasheet Search
  English  ▼

X  

TLV2548CPWR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548CPWR
Description  2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2548CPWR Datasheet(HTML) 34 Page - Texas Instruments

Back Button TLV2548CPWR Datasheet HTML 30Page - Texas Instruments TLV2548CPWR Datasheet HTML 31Page - Texas Instruments TLV2548CPWR Datasheet HTML 32Page - Texas Instruments TLV2548CPWR Datasheet HTML 33Page - Texas Instruments TLV2548CPWR Datasheet HTML 34Page - Texas Instruments TLV2548CPWR Datasheet HTML 35Page - Texas Instruments TLV2548CPWR Datasheet HTML 36Page - Texas Instruments TLV2548CPWR Datasheet HTML 37Page - Texas Instruments TLV2548CPWR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
TLV2544, TLV2548
2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003
34
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DATA CODE INFORMATION
Parts with a date code earlier than 31xxxxx have the following discrepancies:
1.
Earlier devices react to FS input irrespective of the state of the CS signal
2.
The earlier silicon was designed with SDO prereleased half clock ahead. This means in the microcontroller
mode (FS=1) the SDO is changed on the rising edge of SCLK with a delay; and for DSP serial port (when
FS is active) the SDO is changed on the falling edge of SCLK with a delay. This helps the setup time for
processor input data, but may reduce the hold time for processor input data. It is recommended that a
100 pF capacitance be added to the SDO line of the ADC when interfacing with a slower processor that
requires longer input data hold time.
3.
For earlier silicon, the delay time is specified as:
MIN
NOM
MAX
UNIT
VCC = 4.5 V
SDO = 0 pF
16
Delay time, delay from SCLK falling edge (FS is active) or
VCC = 4.5 V
SDO = 100 pF
20
ns
Delay time, delay from SCLK falling edge (FS is active) or
SCLK rising edge (FS=1) to next SDO valid, td(SCLK-DOV).
VCC = 2.7 V
SDO = 0 pF
24
ns
SCLK rising edge (FS=1) to next SDO valid, td(SCLK-DOV).
VCC = 2.7 V
SDO = 100 pF
30
This is because the SDO is changed at the rising edge in the up mode with a delay. This is the hold time
required by the external digital host processor, therefore, a minimum value is specified. The newer silicon
has been revised with SDO changed at the falling edge in the up mode with a delay. Since at least 0.5 SCLK
exists as the hold time for the external host processor, the specified maximum value helps with the
calculation of the setup time requirement of the external digital host processor.
For an explanation of the DSP mode, reverse the rising/falling edges in item (2) above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com