Electronic Components Datasheet Search
  English  ▼

X  

TLV2548CPWR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548CPWR
Description  2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2548CPWR Datasheet(HTML) 39 Page - Texas Instruments

Back Button TLV2548CPWR Datasheet HTML 35Page - Texas Instruments TLV2548CPWR Datasheet HTML 36Page - Texas Instruments TLV2548CPWR Datasheet HTML 37Page - Texas Instruments TLV2548CPWR Datasheet HTML 38Page - Texas Instruments TLV2548CPWR Datasheet HTML 39Page - Texas Instruments TLV2548CPWR Datasheet HTML 40Page - Texas Instruments TLV2548CPWR Datasheet HTML 41Page - Texas Instruments TLV2548CPWR Datasheet HTML 42Page - Texas Instruments TLV2548CPWR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TLV2544CDR
SOIC
D
16
2500
367.0
367.0
38.0
TLV2544CPWR
TSSOP
PW
16
2000
367.0
367.0
38.0
TLV2544IDR
SOIC
D
16
2500
367.0
367.0
38.0
TLV2544IPWR
TSSOP
PW
16
2000
367.0
367.0
38.0
TLV2548CDWR
SOIC
DW
20
2000
367.0
367.0
45.0
TLV2548CPWR
TSSOP
PW
20
2000
367.0
367.0
38.0
TLV2548IDWR
SOIC
DW
20
2000
367.0
367.0
45.0
TLV2548IPWR
TSSOP
PW
20
2000
367.0
367.0
38.0
PACKAGE MATERIALS INFORMATION
www.ti.com
13-Feb-2016
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com