Electronic Components Datasheet Search
  English  ▼

X  

TLV2548CPWR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548CPWR
Description  2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2548CPWR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLV2548CPWR Datasheet HTML 28Page - Texas Instruments TLV2548CPWR Datasheet HTML 29Page - Texas Instruments TLV2548CPWR Datasheet HTML 30Page - Texas Instruments TLV2548CPWR Datasheet HTML 31Page - Texas Instruments TLV2548CPWR Datasheet HTML 32Page - Texas Instruments TLV2548CPWR Datasheet HTML 33Page - Texas Instruments TLV2548CPWR Datasheet HTML 34Page - Texas Instruments TLV2548CPWR Datasheet HTML 35Page - Texas Instruments TLV2548CPWR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
TLV2544, TLV2548
2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 33
−71
−70.50
−70
−69.50
−69
−68.50
−68
−67.50
−67
0
50
100
150
f − Frequency − kHz
SIGNAL-TO-NOISE + DISTORTION
vs
INPUT FREQUENCY
VCC = 5 V,
External Reference = 4 V,
Internal Oscillator,
Single Shot, Long Sample,
Mode 00
µP Mode
Figure 34
10.80
10.90
11
11.10
11.20
11.30
11.40
11.50
0
50
100
150
f − Frequency − kHz
EFFECTIVE NUMBER OF BITS
vs
INPUT FREQUENCY
VCC = 5 V,
External Reference = 4 V,
Internal Oscillator,
Single Shot, Long Sample,
Mode 00
µP Mode
Figure 35
−79
−78
−77
−76
−75
−74
−73
−72
−71
−70
−69
0
50
100
150
TOTAL HARMONIC DISTORTION
vs
INPUT FREQUENCY
f − Frequency − kHz
VCC = 5 V,
External Reference = 4 V,
Internal Oscillator,
Single Shot, Long Sample,
Mode 00
µP Mode
Figure 36
−82
−81
−80
−79
−78
−77
−76
−75
−74
−73
0
50
100
150
f − Frequency − kHz
SPURIOUS FREE DYNAMIC RANGE
vs
INPUT FREQUENCY
VCC = 5 V,
External Reference = 4 V,
Internal Oscillator,
Single Shot, Long Sample,
Mode 00
µP Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com