Electronic Components Datasheet Search
  English  ▼

X  

TLV2548CPWR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548CPWR
Description  2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2548CPWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV2548CPWR Datasheet HTML 11Page - Texas Instruments TLV2548CPWR Datasheet HTML 12Page - Texas Instruments TLV2548CPWR Datasheet HTML 13Page - Texas Instruments TLV2548CPWR Datasheet HTML 14Page - Texas Instruments TLV2548CPWR Datasheet HTML 15Page - Texas Instruments TLV2548CPWR Datasheet HTML 16Page - Texas Instruments TLV2548CPWR Datasheet HTML 17Page - Texas Instruments TLV2548CPWR Datasheet HTML 18Page - Texas Instruments TLV2548CPWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
TLV2544, TLV2548
2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
conversion cycles (continued)
CS
CSTART
SDI
INT
EOC
SDO
Hi-Z
Select/Read
Cycle
Select/Read
Cycle
t(sample )
t(conv)
†
Previous Conversion
Result
Previous Conversion
Result
FS
Hi-Z
Hi-Z
Device Going Into
Extended Sampling Mode
Device Get Out
Extended Sampling
Mode
Read
Cycle
†
Normal
Cycle
† This is one of the single shot commands. Conversion starts on next rising edge of CSTART.
Figure 9. Mode 00 Single Shot/Extended Sampling (FS Signal Used, FS Pin Connected to TMS320 DSP)
modes using the FIFO: modes 01, 10, 11 timing
CS
CSTART
SDI
INT
SDO
Hi-Z
From Channel 2
FS
†
§
‡‡
‡
‡
§
Hi-Z
Configure
Select
Conversion #1
Select
Conversion #4
Read FIFO
#1
#2
#3
#4
Top of FIFO
From Channel 2
† Command = Configure write for mode 01, FIFO threshold = 1/2
‡ Command = Read FIFO, first FIFO read
§ Command = Select ch2.
¶ Use any channel select command to trigger SDI input.
Figure 10. TLV2544/TLV2548 Mode 01 DSP Serial Interface (Conversions Triggered by FS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com