Electronic Components Datasheet Search
  English  ▼

X  

TLV2548CPWR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548CPWR
Description  2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2548CPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV2548CPWR Datasheet HTML 10Page - Texas Instruments TLV2548CPWR Datasheet HTML 11Page - Texas Instruments TLV2548CPWR Datasheet HTML 12Page - Texas Instruments TLV2548CPWR Datasheet HTML 13Page - Texas Instruments TLV2548CPWR Datasheet HTML 14Page - Texas Instruments TLV2548CPWR Datasheet HTML 15Page - Texas Instruments TLV2548CPWR Datasheet HTML 16Page - Texas Instruments TLV2548CPWR Datasheet HTML 17Page - Texas Instruments TLV2548CPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
TLV2544, TLV2548
2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
conversion cycles
DSP/normal sampling
SCLK
CS
FS
SDI
INT
EOC
SDO
ID15
ID14
ID13
ID12
12
3
4
5
7
(SDOZ on SCLK16L Regardless
of Sampling Time)
t(sample) (12 or 24 SCLKs)
6
ID15
t(conv)
MSB
MSB-1
MSB-2
MSB-3
MSB-4
MSB-5
MSB-6
LSB
tc (30 or 42 SCLKs)
16 − Short Sampling
28 − Long Sampling
30 − Short Sampling
42 − Long Sampling
MSB
12
(If CONV
CLK = SCLK0
Figure 7. Mode 00 Single Shot/Normal Sampling (FS Signal Used)
SCLK
CS
FS
SDI
INT
EOC
SDO
ID15
ID14
ID13
ID12
12
3
4
5
7
(SDOZ on SCLK16L Regardless
of Sampling Time)
t(sample) (12 or 24 SCLKs)
6
ID15
t(conv)
MSB
MSB-1
MSB-2
MSB-3
MSB-4
MSB-5
MSB-6
LSB
tc (30 or 42 SCLKs)
16 − Short Sampling
28 − Long Sampling
30 − Short Sampling
42 − Long Sampling
MSB
1
12
13
(If CONV
CLK = SCLK0
Figure 8. Mode 00 Single Shot/Normal Sampling (FS = 1, FS Signal not Used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com