Electronic Components Datasheet Search
  English  ▼

X  

TLV2548CPWR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548CPWR
Description  2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2548CPWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV2548CPWR Datasheet HTML 14Page - Texas Instruments TLV2548CPWR Datasheet HTML 15Page - Texas Instruments TLV2548CPWR Datasheet HTML 16Page - Texas Instruments TLV2548CPWR Datasheet HTML 17Page - Texas Instruments TLV2548CPWR Datasheet HTML 18Page - Texas Instruments TLV2548CPWR Datasheet HTML 19Page - Texas Instruments TLV2548CPWR Datasheet HTML 20Page - Texas Instruments TLV2548CPWR Datasheet HTML 21Page - Texas Instruments TLV2548CPWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
TLV2544, TLV2548
2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FIFO operation
76543210
ADC
12-BIT
×8
FIFO
SDO
Serial
FIFO Full
FIFO 3/4 Full
FIFO 1/2 Full
FIFO 1/4 Full
FIFO Threshold Pointer
Figure 15. TLV2544/TLV2548 FIFO
The device has an 8-layer FIFO that can be programmed for different thresholds. An interrupt is sent to the host
after the preprogrammed threshold is reached. The FIFO can be used to store data from either a fixed channel
or a series of channels based on a preprogrammed sweep sequence. For example, an application may require
eight measurements from channel 3. In this case, the FIFO is filled with eight data sequentially taken from
channel 3. Another application may require data from channel 0, channel 2, channel 4, and channel 6 in an
orderly manner. Therefore, the threshold is set for 1/2 and the sweep sequence 0−2−4−6−0−2−4−6 is chosen.
An interrupt is sent to the host as soon as all four data are in the FIFO.
In single shot mode, the FIFO automatically uses a 1/8 FIFO depth. Therefore the CFR bits (D1,0) controlling
FIFO depth are don’t care.
SCLK and conversion speed
There are two ways to adjust the conversion speed.
D The SCLK can be used as the source of the conversion clock to get the highest throughput of the device.
The minimum onboard OSC is 3.6 MHz and 14 conversion clocks are required to complete a conversion.
(Corresponding 3.86
µs conversion time) The devices can operate with an SCLK up to 20 MHz for the
supply voltage range specified. When a more accurate conversion time is desired, the SCLK can be used as
the source of the conversion clock. The clock divider provides speed options appropriate for an application
where a high speed SCLK is used for faster I/O. The total conversion time is 14
× (DIV/fSCLK) where DIV is 1,
2, or 4. For example a 20 MHz SCLK with the divide by 4 option produces a {14
× (4/20 M)} = 2.8 µs
conversion time. When an external serial clock (SCLK) is used as the source of the conversion clock, the
maximum equivalent conversion clock (fSCLK/DIV) should not exceed 6 MHz.
D Autopower down can be used to slow down the device at a reduced power consumption level. This mode
is always used by the converter. If the device is not accessed (by CS or CSTART), the converter is powered
down to save power. The built-in reference is left on in order to quickly resume operation within one half
SCLK period. This provides unlimited choices to trade speed with power savings.
reference voltage
The device has a built-in reference with a programmable level of 2 V or 4 V. If the internal reference is used,
REFP is set to 2 V or 4 V and REFM should be connected to the analog ground of the converter. An external
reference can also be used through two reference input pins, REFP and REFM, if the reference source is
programmed as external. The voltage levels applied to these pins establish the upper and lower limits of the
analog inputs to produce a full-scale and zero-scale reading respectively. The values of REFP, REFM, and the
analog input should not exceed the positive supply or be lower than GND consistent with the specified absolute
maximum ratings. The digital output is at full scale when the input signal is equal to or higher than REFP and
at zero when the input signal is equal to or lower than REFM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com