Electronic Components Datasheet Search
  English  ▼

X  

MPC100 Datasheet(PDF) 6 Page - Texas Instruments

Part # MPC100
Description  Wide Bandwidth 4x1 VIDEO MULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC100 Datasheet(HTML) 6 Page - Texas Instruments

Back Button MPC100 Datasheet HTML 2Page - Texas Instruments MPC100 Datasheet HTML 3Page - Texas Instruments MPC100 Datasheet HTML 4Page - Texas Instruments MPC100 Datasheet HTML 5Page - Texas Instruments MPC100 Datasheet HTML 6Page - Texas Instruments MPC100 Datasheet HTML 7Page - Texas Instruments MPC100 Datasheet HTML 8Page - Texas Instruments MPC100 Datasheet HTML 9Page - Texas Instruments MPC100 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
®
MPC100
TYPICAL PERFORMANCE CURVES (CONT)
At VCC = ±5V, RLOAD = 10kΩ, RSOURCE = 50Ω, and TA = +25°C, unless otherwise noted.
+0.7V
SWITCHING ENVELOPE (Video Signal)
Time (µs)
0V
–0.3V
SMALL SIGNAL PULSE RESPONSE
Time (ns)
C
OUT = 1pF, tRISE = tFALL = 2ns
(Generator) V
I = 0.2Vp-p
0 —
Input Voltage (V)
–5
5
4
3
2
1
0
–1
–2
–3
–4
TRANSFER FUNCTION
–5
–4
–3
–2
–1
012345
100
1k
100k
1M
10M
100M
Frequency (Hz)
0.1
100
10
1
INPUT VOLTAGE NOISE SPECTRAL DENSITY
10k
0
20
40
60
80
100
120
140
160
180
200
Time (ns)
–4
12
10
8
6
4
2
0
–2
SWITCHING TRANSIENTS (Channel To Channel)
Without bandwidth
limiting lowpass filter.
SEL2
SEL1
5V
5V
0
20
40
60
80
100
120
140
160
180
200
Time (ns)
–4
SWITCHING TRANSIENTS (Channel To Channel)
SEL2
SEL1
5V
5V
36MHz Low pass filter acc.
Eureka Rec. EU95-PG03
in the signal path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com