Electronic Components Datasheet Search
  English  ▼

X  

MPC100 Datasheet(PDF) 1 Page - Texas Instruments

Part # MPC100
Description  Wide Bandwidth 4x1 VIDEO MULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC100 Datasheet(HTML) 1 Page - Texas Instruments

  MPC100 Datasheet HTML 1Page - Texas Instruments MPC100 Datasheet HTML 2Page - Texas Instruments MPC100 Datasheet HTML 3Page - Texas Instruments MPC100 Datasheet HTML 4Page - Texas Instruments MPC100 Datasheet HTML 5Page - Texas Instruments MPC100 Datasheet HTML 6Page - Texas Instruments MPC100 Datasheet HTML 7Page - Texas Instruments MPC100 Datasheet HTML 8Page - Texas Instruments MPC100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©1991 Burr-Brown Corporation
PDS-1133F
Printed in U.S.A. March, 1995
MPC100
Wide Bandwidth
4 x 1 VIDEO MULTIPLEXER
The MPC100 consists of four identical monolithic inte-
grated open-loop buffer amplifiers, which are con-
nected internally at the output. The unidirectional trans-
mission path consists of bipolar complementary buffers,
which offer extremely high output-to-input isolation.
The MPC100 multiplexer enables one of the four input
channels to connect to the output. The output of the
multiplexer is in a high-impedance state when no chan-
nel is selected. When one channel is selected with a
digital “1” at the corresponding SEL-input, the compo-
nent acts as a buffer with high input impedance and low
output impedance.
The wide bandwidth of over 250MHz at 1.4Vp-p
signal level, high linearity and low distortion, and low
input voltage noise of 4nV/
√Hz make this crosspoint
switch suitable for RF and video applications. All
performance is specified with
±5V supply voltage,
which reduces power consumption in comparison with
±15V designs. The multiplexer is available in space-
saving SO-14 and DIP packages. Both are designed
and specified for operation over the industrial tem-
perature range (–40
°C to +85°C.)
®
FEATURES
q BANDWIDTH: 250MHz (1.4Vp-p)
q LOW INTERCHANNEL CROSSTALK:
≤60dB (30MHz, DIP); ≤70dB (30MHz, SO)
q LOW SWITCHING TRANSIENTS:
+2.5/–1.2mV
q LOW DIFFERENTIAL GAIN/PHASE
ERRORS: 0.05%, 0.01
°
q LOW QUIESCENT CURRENT:
One Channel Selected:
±4.6mA
No Channel Selected:
±230µA
APPLICATIONS
q VIDEO ROUTING AND MULTIPLEXING
(CROSSPOINTS)
q RADAR SYSTEMS
q DATA ACQUISITION
q INFORMATION TERMINALS
q SATELLITE OR RADIO LINK IF ROUTING
DESCRIPTION
The MPC100 is a very wide bandwidth 4-to-1 channel
video signal multiplexer which can be used in a wide
variety of applications.
MPC100 is designed for wide-bandwidth systems,
including high-definition television and broadcast
equipment. Although it is primarily used to route
video signals, the harmonic and dynamic attributes of
the MPC100 make it appropriate for other analog
signal routing applications such as radar, communica-
tions, computer graphics, and data acquisition sys-
tems.
MPC100
MPC100
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
SEL1
SEL2
SEL3
SEL4
VOUT
0
0
0
0
HI-Z
10
00
IN1
01
00
IN2
00
10
IN3
00
01
IN4
TRUTH TABLE
DB2
DB1
DB4
DB3
V
OUT
SEL
4
SEL
3
SEL
2
SEL
1
IN
4
IN
3
IN
2
IN
1
SBFS004


Similar Part No. - MPC100

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC100 BURR-BROWN-MPC100 Datasheet
351Kb / 15P
Wide Bandwidth 4 x 1 VIDEO MULTIPLEXER
MPC100AP BURR-BROWN-MPC100AP Datasheet
351Kb / 15P
Wide Bandwidth 4 x 1 VIDEO MULTIPLEXER
MPC100AU BURR-BROWN-MPC100AU Datasheet
351Kb / 15P
Wide Bandwidth 4 x 1 VIDEO MULTIPLEXER
More results

Similar Description - MPC100

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC100 BURR-BROWN-MPC100 Datasheet
351Kb / 15P
Wide Bandwidth 4 x 1 VIDEO MULTIPLEXER
MPC104 BURR-BROWN-MPC104 Datasheet
251Kb / 15P
Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
logo
Maxim Integrated Produc...
MAX4141 MAXIM-MAX4141 Datasheet
69Kb / 8P
330MHz, 4x1 Precision Video Multiplexer
Rev 0; 5/95
logo
Gennum Corporation
GX434 GENNUM-GX434 Datasheet
200Kb / 9P
GX434 Monolithic 4x1 Video Multiplexer
logo
List of Unclassifed Man...
MSK620 ETC-MSK620 Datasheet
447Kb / 6P
WIDE BANDWIDTH VIDEO AMPLIFIER SYSTEM
logo
Gennum Corporation
GX214A GENNUM-GX214A Datasheet
175Kb / 5P
GX214A Monolithic 4x1 Video Multiplexer
logo
Fairchild Semiconductor
FSAV332 FAIRCHILD-FSAV332 Datasheet
119Kb / 7P
Wide Bandwidth Video Switch
logo
Gennum Corporation
GX4404 GENNUM-GX4404 Datasheet
127Kb / 3P
GX4404 Wideband, Monolithic 4x1 Video Multiplexer
GX4314 GENNUM-GX4314 Datasheet
135Kb / 4P
Wideband, Monolithic 4x1 Video Multiplexer
logo
Texas Instruments
MPC104 TI1-MPC104 Datasheet
178Kb / 16P
Wide-Bandwidth 2x1 VIDEO MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com