Electronic Components Datasheet Search
  English  ▼

X  

MPC100 Datasheet(PDF) 8 Page - Texas Instruments

Part # MPC100
Description  Wide Bandwidth 4x1 VIDEO MULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC100 Datasheet(HTML) 8 Page - Texas Instruments

Back Button MPC100 Datasheet HTML 4Page - Texas Instruments MPC100 Datasheet HTML 5Page - Texas Instruments MPC100 Datasheet HTML 6Page - Texas Instruments MPC100 Datasheet HTML 7Page - Texas Instruments MPC100 Datasheet HTML 8Page - Texas Instruments MPC100 Datasheet HTML 9Page - Texas Instruments MPC100 Datasheet HTML 10Page - Texas Instruments MPC100 Datasheet HTML 11Page - Texas Instruments MPC100 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
®
MPC100
TYPICAL PERFORMANCE CURVES (CONT)
At VCC = ±5V, RLOAD = 10kΩ, RSOURCE = 50Ω, and TA = +25°C, unless otherwise noted.
30MHz HARMONIC DISTORTION
Frequency (Hz)
V
OUT
= 2.8Vp-p, R
L
= 1k
Ω, C
OUT
= 1pF
30MHz HARMONIC DISTORTION
Frequency (Hz)
V
OUT = 2.8Vp-p, RL = 10kΩ, COUT = 1pF
dB
20
15
10
5
0
–5
–10
–15
–20
–25
BANDWIDTH vs OUTPUT VOLTAGE
1.4Vp-p
0.6Vp-p
0.2Vp-p
5Vp-p
2.8Vp-p
R
IN = 150Ω
C
OUT = 1pF, ROUT = 0Ω
Frequency (Hz)
1M
10M
100M
1G
300k
dB
20
15
10
5
0
–5
–10
–15
–20
–25
BANDWIDTH vs R
LOAD
Frequency (Hz)
300k
10M
100M
1G
R
L = 500Ω = 1kΩ = 10kΩ
C
OUT = 22pF, ROUT = 15Ω, VO = 2.8Vp-p
1M
dB
20
15
10
5
0
–5
–10
–15
–20
–25
BANDWIDTH MATCHING (DB1...DB4)
C
OUT = 22pF, ROUT = 15Ω
Frequency (Hz)
1M
10M
100M
1G
2.8Vp-p
300k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com