Electronic Components Datasheet Search
  English  ▼

X  

MPC100 Datasheet(PDF) 7 Page - Texas Instruments

Part # MPC100
Description  Wide Bandwidth 4x1 VIDEO MULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC100 Datasheet(HTML) 7 Page - Texas Instruments

Back Button MPC100 Datasheet HTML 3Page - Texas Instruments MPC100 Datasheet HTML 4Page - Texas Instruments MPC100 Datasheet HTML 5Page - Texas Instruments MPC100 Datasheet HTML 6Page - Texas Instruments MPC100 Datasheet HTML 7Page - Texas Instruments MPC100 Datasheet HTML 8Page - Texas Instruments MPC100 Datasheet HTML 9Page - Texas Instruments MPC100 Datasheet HTML 10Page - Texas Instruments MPC100 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
®
MPC100
TYPICAL PERFORMANCE CURVES (CONT)
At VCC = ±5VDC, RLOAD = 10kΩ, RSOURCE = 50Ω, and TA = +25°C, unless otherwise noted.
Time (ns)
C
OUT = 1pF, tRISE = tFALL = 5ns
(Generator) V
I = 5Vp-p
LARGE SIGNAL PULSE RESPONSE
0 —
SMALL SIGNAL PULSE RESPONSE
Time (ns)
C
OUT = 47pF, tRISE = tFALL = 2ns
(Generator) V
I = 0.2Vp-p
0 —
Time (ns)
C
OUT = 47pF, tRISE = tFALL = 5ns
(Generator) V
I = 5Vp-p
LARGE SIGNAL PULSE RESPONSE
0 —
20
15
10
5
0
–5
–10
–15
–20
–25
Frequency (Hz)
1M
10M
100M
1G
dB
BANDWIDTH vs C
OUT WITH RECOMMENDED ROUT
1pF
10pF
22pF
33pF
47pF
R
OUT
1p
0
Ω 500MHz
f
–3dB
C
OUT
10p
22
Ω 340MHz
22p
33p
47p
15
Ω
12
Ω
10
Ω
250MHz
215MHz
130MHz
GAIN FLATNESS
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
Frequency (Hz)
1M
10M
100M
1G
–0.5
C
OUT = 22pF, ROUT = 15Ω
R
IN = 150Ω, RO1 = 1kΩ
300k
0.2Vp-p
GROUP DELAY TIME vs FREQUENCY
Frequency (Hz)
1M
10M
100M
500M
2.5
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
–2.5
DUT
R
I
150
Ω
R
OUT
50
Ω
V
I
Out
Group Delay Time
V
OUT =
300mV
PO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com